Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM263P2 Datasheet(PDF) 25 Page - Texas Instruments

No. de pieza AM263P2
Descripción Electrónicos  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 21Page - Texas Instruments AM263P2 Datasheet HTML 22Page - Texas Instruments AM263P2 Datasheet HTML 23Page - Texas Instruments AM263P2 Datasheet HTML 24Page - Texas Instruments AM263P2 Datasheet HTML 25Page - Texas Instruments AM263P2 Datasheet HTML 26Page - Texas Instruments AM263P2 Datasheet HTML 27Page - Texas Instruments AM263P2 Datasheet HTML 28Page - Texas Instruments AM263P2 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 168 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
D7
D7
D7
I2C1_SCL
I2C1_SCL_CFG_REG
0x5310 005C
0x0000 05F7
I2C1_SCL
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI3_CS0
2
IO
XBAROUT7
5
O
GPIO23
7
IO
C8
C8
C8
I2C1_SDA
I2C1_SDA_CFG_REG
0x5310 0060
0x0000 05F7
I2C1_SDA
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI3_CLK
2
IO
XBAROUT8
5
O
GPIO24
7
IO
A9
A9
A9
LIN1_RXD
LIN1_RXD_CFG_REG
0x5310 004C
0x0000 05F7
LIN1_RXD
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_RXD
1
I
SPI2_CS0
2
IO
OSPI0_ECC_FAIL
3
I
XBAROUT5
5
O
GPIO19
7
IO
OSPI0_RESET_OUT1
8
O
B9
B9
B9
LIN1_TXD
LIN1_TXD_CFG_REG
0x5310 0050
0x0000 05F7
LIN1_TXD
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_TXD
1
O
SPI2_CLK
2
IO
OSPI0_RESET_OUT0
3
O
XBAROUT6
5
O
GPIO20
7
IO
B8
B8
B8
LIN2_RXD
LIN2_RXD_CFG_REG
0x5310 0054
0x0000 05F7
LIN2_RXD
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_RXD
1
I
SPI2_D0
2
IO
GPIO21
7
IO
A8
A8
A8
LIN2_TXD
LIN2_TXD_CFG_REG
0x5310 0058
0x0000 05F7
LIN2_TXD
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_TXD
1
O
SPI2_D1
2
IO
GPIO22
7
IO
M1
M1
MCAN0_RX
MCAN0_RX_CFG_REG
0x5310 001C
0x0000 05F7
MCAN0_RX
0
I
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_CS0
1
IO
OSPI0_D4
2
IO
OSPI0_DQS
6
I
GPIO7
7
IO
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More