| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P2 Datasheet(PDF) 105 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 105 Page - Texas Instruments |
|
105 / 168 page ![]() 6.11.5.4.3 EQEP Switching Characteristics (3) NO. PARAMETER DESCRIPTION MIN MAX UNIT QEP6 td(CNTR)xin Delay time, external clock to counter increment 4 + U(2) + 6P(1) ns QEP7 td(PCS-OUT)QEP Delay time, QEP input edge to position compare sync output 4 + U(2) + 7P(1) + 4 ns (1) P = sysclk period in ns. (2) U = the input qualifier sampling window. See GPIO Electrical Data and Timing section for details on Input Qualifier Mode. (3) Some EQEP signals are pinmuxed with I2C0 SDA and SCl pins. These pins use an alternate open drain voltage buffer and may not meet the specified parameters. Values are pending additional post-silicon validation. www.ti.com AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 105 Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |