Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB85RS2MLY Datasheet(PDF) 14 Page - RAMXEED LIMITED

No. de pieza MB85RS2MLY
Descripción Electrónicos  2M (256 K X 8) Bit SPI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MLY Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85RS2MLY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 14Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 15Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 16Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 17Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MB85RS2MLY(AEC-Q100 Compliant)
14
DS501-00062-3v1-E
ABSOLUTE MAXIMUM RATINGS
*: These parameters are based on the condition that VSS is 0 V.
WARNING: Semiconductor devices may be permanently damaged by application of stress (including, without
limitation, voltage, current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.
RECOMMENDED OPERATING CONDITIONS
*1: These parameters are based on the condition that VSS is 0 V.
*2: Ambient temperature when only this device is working. Please consider it to be the almost same as the
package surface temperature.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of
device and could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented
on this data sheet. If you are considering application under any conditions other than listed herein,
please contact sales representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage*
VDD
0.5
2.5
V
Input voltage*
VIN
0.5
VDD  0.5
V
Output voltage*
VOUT
0.5
VDD  0.5
V
Operation ambient temperature
TA
40
125
C
Storage temperature
Tstg
55
150
C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage*1
VDD
1.70
1.80
1.95
V
Operation ambient temperature*2
TA
40
125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com