| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2425753 Datasheet(PDF) 7 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
2425753 Datasheet(HTML) 7 Page - TE Connectivity Ltd |
|
7 / 9 page ![]() 7 PRECISION TECHNOLOGY SOLUTIONS / ALCOSWITCH SEALED TACTILE SWITCHES Alcoswitch Sealed Tactile Switches TE Smart Part Number Description Packaging Type Lifecycle (cycles) TCPN STS26A16WSMTR 6.2 x 6.2 x 2.6, 160gf, IP67, Tact Tape & Reel 100,000 2506465-1 STS26A26RSMTR 6.2 x 6.2 x 2.6, 260gf, IP67, Tact Tape & Reel 100,000 2506465-2 STS26A50YSMTR 6.2 x 6.2 x 2.6, 500gf, IP67, Tact Tape & Reel 100,000 2506465-3 STS26A26RJT 6.2 x 6.2 x 2.6, 260gf, IP67, Tact Bulk 100,000 2506467-1 STS26A26RJTTR 6.2 x 6.2 x 2.6, 260gf, IP67, Tact T/R Tape & Reel 100,000 2506467-2 STS34A26RJTR 6.2 x 6.2 x 3.4, 260gf, IP67, Tact Tape & Reel 100,000 2506467-3 STS34A50YJTR 6.2 x 6.2 x 3.4, 500gf, IP67, Tact Tape & Reel 100,000 2506467-4 STS25A18BSMTR 6.2 x 6.2 x 2.5, 180gf, IP67, Tact Tape & Reel 300,000 2506469-1 STS50A18GSMTR 6.2 x 6.2 x 5.0, 180gf, IP67, Tact Tape & Reel 300,000 2506469-2 STS31A18GSMTR 6.2 x 6.2 x 3.1, 180gf, IP67, Tact Tape & Reel 300,000 2506469-3 STS31A28CSMTR 6.2 x 6.2 x 3.1, 280gf, IP67, Tact Tape & Reel 200,000 2506469-4 STS72A18RSMTR 6.2 x 6.2 x 7.2, 180gf, IP67, Tact Tape & Reel 300,000 2506470-1 STS77A18RSMTR 6.2 x 6.2 x 7.7, 180gf, IP67, Tact Tape & Reel 300,000 2506470-2 STS77A25BSMTR 6.2 x 6.2 x 7.7, 250gf, IP67, Tact Tape & Reel 300,000 2506470-3 STS72A25BSMTR 6.2 x 6.2 x 7.2, 250gf, IP67, Tact Tape & Reel 300,000 2506470-4 STS52BLOJTR 6.45 x 6.45 x 5.2, 350gf, IP67, Tact Tape & Reel 500000 2506471-1 STS52BDRJTTR 6.45 x 6.45 x 5.2, 260gf, IP67, Tact Tape & Reel 500000 2506471-2 STS52BCWJTTR 6.45 x 6.45 x 5.2, 180gf, IP67, Tact Tape & Reel 3000000 2506471-3 STS35BLOJTTR 6.45 x 6.45 x 3.5, 350gf, IP67, Tact Tape & Reel 500000 2506471-4 STS35BDRJTTR 6.45 x 6.45 x 3.5, 260gf, IP67, Tact Tape & Reel 500000 2506471-5 STS35BCWJTTR 6.45 x 6.45 x 3.5, 180gf, IP67, Tact Tape & Reel 3000000 2506471-6 STS31A26RJTTR 6.2 x 6.2 x 3.1, 260gf, IP67, Tact Tape & Reel 100,000 2506472-1 STS31A16HJTTR 6.2 x 6.2 x 3.1, 160gf, IP67, Tact Tape & Reel 100,000 2506472-2 STSC18BRTTR 4.5 x 3.65 x 1.7, 180gf, IP67, Tact Tape & Reel 100,000 2506476-1 STSE16BRSTR 7.1 x 8.5 x 7.0, 160gf, IP67, Tact Tape & Reel 100,000 2506477-1 STS43A10ETHR 6.0 x 6.0 x 4.3, 100gf, IP67, Tact Radial 100,000 2506473-1 STS70A20BTHR 6.0 x 6.0 x 7.0, 200gf, IP67, Tact Radial 100,000 2506473-2 STS43A16CTHR 6.0 x 6.0 x 4.3, 160gf, IP67, Tact Radial 100,000 2506473-3 STS13D26BTHR 8.0 x 8.0 x 13, 260gf, IP67, Tact Radial 100,000 2506474-1 STS12D26BTHR 8.0 x 8.0 x 12.85, 260gf, IP67, Tact Radial 100,000 2506474-2 STS80JS6BTH 6.0 x 6.0 x 8.0, 160gf, IP67, Tact Bulk 100,000 2506475-1 PRODUCT INFORMATION |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |