Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M28840/20MB1CAP3 Datasheet(PDF) 8 Page - Amphenol PCD, Inc

No. de pieza M28840/20MB1CAP3
Descripción Electrónicos  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOLPCD [Amphenol PCD, Inc]
Página de inicio  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20MB1CAP3 Datasheet(HTML) 8 Page - Amphenol PCD, Inc

Back Button M28840/20MB1CAP3 Datasheet HTML 4Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 5Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 6Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 7Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 9Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 10Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 11Page - Amphenol PCD, Inc M28840/20MB1CAP3 Datasheet HTML 12Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
14
15
M28840/7 DUMMY STOWAGE RECEPTACLE
M28840/7
B
4
F
DESIGNATION
SHELL SIZE
KEY POSITION
MATERIAL & FINISH
QPL: M28840/7
Commercial: IN28840/7
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
2
3
4
5
6
No Designation: Aluminum, Cadmium
Plate, O.D. over Electroless Nickel
S: Aluminum-Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
TABLE A
Military
Shell Size
Shell Size
N Ø Max.
O
Ref. Mating Hole
R True Position
to
S
T
A
11
(.750) 19.05
(.812) 20.62
(.750) 19.05
(1.043) 26.49
(1.003) 25.48
(.130) 3.30
(.115) 2.92
B
13
(.875) 22.22
(.937) 23.80
(.843) 21.41
(1.158) 29.41
(1.118) 28.40
C
15
(1.062) 26.97
(1.124) 28.55
(.968) 24.59
(1.278) 32.46
(1.238) 31.45
D
17
(1.125) 28.58
(1.187) 30.15
(1.015) 25.78
(1.403) (35.64
(1.363)34.62
E
19
(1.312) 33.32
(1.374) 34.90
(1.140) 28.96
(1.528) 38.81
(1.488) 37.80)
F
23
(1.500) 38.10
(1.562) 39.67
(1.281) 32.54
(1.738) 44.15
(1.698) 43.13
G
25
(1.625) 41.28
(1.687) 42.85
(1.392) 35.36
(1.838) 46.69
(1.798) 45.67
(.157) 3.99
(.142) 3.61
H
29
(1.812) 46.02
(1.874) 47.60
(1.568) 39.83
(2.158) 54.81
(2.118) 53.80)
J
33
(2.000) 50.80
(2.062) 52.37
(1.734) 44.04
(2.348) 59.64
(2.308) 58.62
(.183) 4.65
(.168) 4.27
CL CL
TABLE A
Backshell
Shell Size
DASH #
Military
Shell Size
Shell Size
A
Thread Class 2B
B Ø Max.
C Ø Max.
D Ø Max.
A
01
A
11
.750-20 UNEF
(1.028) 26.11
(1.188) 30.17
(1.031) 26.19
A
02
B
13
.875-20 UNEF
(1.141) 28.98
B
03
B
13
A
04
C
15
1.00-20 UNEF
(1.263) 32.08
(1.438) 36.52
(1.156) 29.36
B
05
C
15
C
06
C
15
D
07
C
15
(1.688) 42.87
(1.281) 32.54
A
08
D
17
1.125-18 UNEF
(1.387) 35.23
B
09
D
17
C
10
D
17
A
11
E
19
1.250-18 UNEF
(1.513) 38.43
B
12
E
19
(1.938) 49.22
(1.406) 35.71
A
13
F
23
1.438-18 UNEF
(1.703) 43.51
B
14
F
23
C
15
F
23
A
16
G
25
1.562-18 UNEF
(1.825) 46.35
B
17
G
25
C
18
G
25
(2.188) 54.43
(1.531) 38.89
D
19
G
25
A
20
H
29
1.875-16 UN
(2.143) 54.43
B
21
H
29
A
22
J
33
2.062-16 UNS
(2.329) 59.16
(2.688) 68.26
(1.781) 45.24
A
23
J
33
B
24
A
11
.750-20 UNEF
(1.028) 26.11
(1.188) 30.17
(1.031) 26.19
C
25
A
11
(1.438) 36.52
(1.156) 29.36
C
26
B
13
.875-20 UNEF
(1.141) 28.98
D
27
B
13
(1.688) 42.87
(1.281) 32.54
E
28
C
15
1.000-20 UNEF
(1.263) 32.08
M28840/8 90o EMI/RFI ENVIRONMENTAL BACKSHELL
M28840/8
16
W
A
DESIGNATION
DASH #
MATERIAL & FINISH
BACKSHELL STYLE
QPL: M28840/8
Commercial: IN28840/8
See Table A
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only)
A: EMI Environmental
B: Environmental



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25