Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M28840/20CE1DAP3 Datasheet(PDF) 5 Page - Amphenol PCD, Inc

No. de pieza M28840/20CE1DAP3
Descripción Electrónicos  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOLPCD [Amphenol PCD, Inc]
Página de inicio  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CE1DAP3 Datasheet(HTML) 5 Page - Amphenol PCD, Inc

  M28840/20CE1DAP3 Datasheet HTML 1Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 2Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 3Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 4Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 5Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 6Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 7Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/20CE1DAP3 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
8
9
TABLE A
Military
Shell Size
Shell Size
A
Thread Class 2B
B Ø Max.
C Max.
D Max.
E Max.
Screw Size Ref.
Cable Enrty
Min.
Max.
A
11
.750-20 UNEF
(1.028) 26.11
(1.071) 27.20
(.929) 23.60
(.903) 22.94
.114-40
(.177) 4.50
(.286) 7.26
B
13
.875-20 UNEF
(1.141) 28.98
(1.071) 27.20
(.929) 23.60
(.977) 24.82
.114-40
(.177) 4.50
(.286) 7.26
C
15
1.000-20 UNEF
(1.263) 32.08
(1.280) 32.51
(1.056) 26.82
(1.151)29.24
.114-40
(.250) 6.35
(.416) 10.57
D
17
1.125-18 UNEF
(1.387) 35.23
(1.392) 35.36
(1.233) 31.32
(1.281) 32.54
.114-40
(.291) 7.39
(.476) 12.09
E
19
1.250-18 UNEF
(1.513) 38.43
(1.517) 38.53
(1.296) 32.92
(1.406 ) 35.71
.114-40
(.348) 8.84
(.626) 15.90
F
23
1.438-18 UNEF
(1.703) 43.26
(1.642) 41.71
(1.358) 34.49
(1.576) 40.03
.134-32
(.429) 10.90
(.831) 21.11
G
25
1.562-18 UNEF
(1.825) 46.36
(1.767) 44.88
(1.420) 36.07
(1.666 ) 42.32
.134-32
(.523) 13.28
(.956) 24.28
H
29
1.875-16 UN
(2.143) 54.43
(1.905) 48.39
(1.634) 41.50
(2.046) 51.97
.134-32
(.643) 16.33
(1.081) 27.46
J
33
2.062-16 UNS
(2.329) 59.16
(1.968) 49.99
(1.859) 47.22
(2.209) 56.11
.162-32
(.704) 17.88
(1.187) 30.15
M28840/2 90o STRAIN RELIEF BACKSHELL
M28840/2
J
W
DESIGNATION
SHELL SIZE
MATERIAL & FINISH
QPL: M28840/2
Commercial: IN28840/2
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only)
M28840/3 45o STRAIN RELIEF BACKSHELLS
M28840/3
J
W
DESIGNATION
SHELL SIZE
MATERIAL & FINISH
QPL: M28840/3
Commercial: IN28840/3
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only)
TABLE A
Military
Shell Size
Shell Size
A
Thread Class 2B
B Ø Max.
C Max.
D Max.
E Max.
Screw Size Ref.
Cable Enrty
Min.
Max.
A
11
.750-20 UNEF
(1.028) 26.11
(1.091) 27.71
(.929) 23.60
(.903) 22.94
.114-40
(.177) 4.50
(.286) 7.26
B
13
.875-20 UNEF
(1.141) 28.98
(1.091) 27.71
(.929) 23.60
(.977) 24.82
.114-40
(.177) 4.50
(.286) 7.26
C
15
1.000-20 UNEF
(1.263) 32.08
(1.091) 27.71
(1.056) 26.82
(1.151) 29.24
.114-40
(.250) 6.35
(.416) 10.57
D
17
1.125-18 UNEF
(1.387) 35.23
(1.206) 30.63
(1.233) 31.32
(1.281) 32.54
.114-40
(.291) 7.39
(.476) 12.09
E
19
1.250-18 UNEF
(1.513) 38.43
(1.320) 33.53
(1.296) 32.92
(1.406) 35.71
.114-40
(.348) 8.84
(.626) 15.90
F
23
1.438-18 UNEF
(1.703) 43.26
(1.445) 36.70
(1.358) 34.49
(1.576) 40.03
.134-32
(.429) 10.90
(.831) 21.11
G
25
1.562-18 UNEF
(1.825) 46.36
(1.570) 39.88
(1.420) 36.07
(1.666) 42.32
.134-32
(.523) 13.28
(.956) 24.28
H
29
1.875-16 UN
(2.143) 54.43
(1.721) 43.71
(1.634) 41.50
(2.046) 51.97
.134-32
(.643) 16.33
(1.081) 27.46
J
33
2.062-16 UNS
(2.329) 59.16
(1.908) 48.46
(1.859) 47.22
(2.209) 56.11
.162-32
(.704) 17.88
(1.187)30.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25