Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L6390 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza L6390
Descripción Electrónicos  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6390 Datasheet HTML 5Page - STMicroelectronics L6390 Datasheet HTML 6Page - STMicroelectronics L6390 Datasheet HTML 7Page - STMicroelectronics L6390 Datasheet HTML 8Page - STMicroelectronics L6390 Datasheet HTML 9Page - STMicroelectronics L6390 Datasheet HTML 10Page - STMicroelectronics L6390 Datasheet HTML 11Page - STMicroelectronics L6390 Datasheet HTML 12Page - STMicroelectronics L6390 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID14493 Rev 11
9/25
L6390
Electrical characteristics
25
4.2
DC operation
Table 6. DC operation electrical characteristics (VCC = 15 V; TJ = + 25 °C)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Low supply voltage section
VCC_hys
4
VCC UV hysteresis
-
1200
1500
1800
mV
VCC_thON
VCC UV turn-ON threshold
-
11.5
12
12.5
V
VCC_thOFF
VCC UV turn-OFF threshold -
10
10.5
11
V
IQCCU
Undervoltage quiescent
supply current
VCC = 10 V
SD = 5 V; LIN = 5 V;
HIN = GND;
RDT = 0 ;
CP+ = OP+ = GND;
OP- = 5 V
90
120
150
A
IQCC
Quiescent current
VCC = 15 V
SD = 5 V; LIN = 5 V;
HIN = GND;
RDT = 0 ;
CP+ = OP+ = GND;
OP- = 5 V
300
720
1000
A
Vref
-
Internal reference voltage
-
500
540
580
mV
Bootstrapped supply voltage section(1)
VBO_hys
16
VBO UV hysteresis
-
1200
1500
1800
mV
VBO_thON
VBO UV turn-ON threshold
-
11.1
11.5
12.1
V
VBO_thOFF
VBO UV turn-OFF threshold -
9.8
10
10.6
V
IQBOU
Undervoltage VBO
quiescent current
VBO = 9 V
SD = 5 V; LIN and
HIN = 5 V;
RDT = 0 ;
CP+ = OP+ = GND;
OP- = 5 V
30
70
110
A
IQBO
VBO quiescent current
VBO = 15 V
SD = 5 V; LIN and
HIN = 5 V;
RDT = 0 ;
CP+ = OP+ = GND;
OP- = 5 V
30
150
240
A
ILK
-
High voltage leakage
current
Vhvg = VOUT = VBOOT = 600 V
-
-
10
A
RDS(on)
-
Bootstrap driver on-
resistance(2)
LVG ON
-
120
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com