Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KBV7TR Datasheet(PDF) 78 Page - STMicroelectronics

No. de pieza STM32WL33KBV7TR
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KBV7TR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32WL33KBV7TR Datasheet HTML 74Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 75Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 76Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 77Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 78Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 79Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 80Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 81Page - STMicroelectronics STM32WL33KBV7TR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
11. For Tolerance of Form and Position see Table 70.
12. Critical dimensions:
12.1 A
12.2 A1
12.3 D & E
12.4 b & L
12.5 e
12.6 D2 & E2
13. Dimensions “b” and “L” are measured at terminal plating surface.
14. Depending on the method of lead termination at the edge of the package, pull back (L1) maybe present. L
minus L1 to be equal to or greater than 0.3 mm.
15. For Symbols, Recommended Values and Tolerances see the Table below: (ACCORDING TO PACKAGE OR
JEDEC SPEC IF REGISTERED)
Table 71. Symbols, recommended values, and tolerances
Symbol
Definition
Notes
aaa
The bilateral profile tolerance that controls the position
of the plastic body sides. The centers of the profile
zones are defined by the basic dimensions D and E.
-
bbb
The tolerance that controls the position of the entire
terminal pattern with respect to Datums A and B. The
center of the tolerance zone for each terminal is
defined by the basic dimension “e” as related to
Datums A and B.
-
ccc
The tolerance located parallel to the seating plane in
which the top surface of the package must be located.
-
ddd
The tolerance that controls the position of the terminals
to each other. The centers of the profile zones are
defined by basic dimension “e”.
This tolerance is normally compounded
with tolerance zone defined by bbb.
eee
The unilateral tolerance located above the seating
plane where in the bottom surface of all terminals must
be located.
This tolerance is commonly known as
the “coplanarity” of the package
terminals.
fff
The tolerance that controls the position of the exposed
metal heat feature. The center of the tolerance zone
will be the datum’s defined by the centerlines of the
package body.
-
STM32WL33xx
Package information
DS14221 - Rev 5
page 78/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com