Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN750S Datasheet(PDF) 35 Page - STMicroelectronics

No. de pieza VN750S
Descripción Electrónicos  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VN750S Datasheet HTML 31Page - STMicroelectronics VN750S Datasheet HTML 32Page - STMicroelectronics VN750S Datasheet HTML 33Page - STMicroelectronics VN750S Datasheet HTML 34Page - STMicroelectronics VN750S Datasheet HTML 35Page - STMicroelectronics VN750S Datasheet HTML 36Page - STMicroelectronics VN750S Datasheet HTML 37Page - STMicroelectronics VN750S Datasheet HTML 38Page - STMicroelectronics VN750S Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
VN750
Package and packing information
Doc ID 6942 Rev. 4
35/46
G1
6.6
6.8
7
H2
10.4
H3
10.05
10.4
L
17.85
L1
15.75
L2
21.4
L3
22.5
L5
2.6
3
L6
15.1
15.8
L7
6
6.6
M4.5
M1
4
Diam.
3.65
3.85
Table 20.
PENTAWATT mechanical data (continued)
Dim.
mm
Min.
Typ.
Max.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46