Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4925 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza L4925
Descripción Electrónicos  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4925_V01 Datasheet HTML 3Page - STMicroelectronics L4925_V01 Datasheet HTML 4Page - STMicroelectronics L4925_V01 Datasheet HTML 5Page - STMicroelectronics L4925_V01 Datasheet HTML 6Page - STMicroelectronics L4925_V01 Datasheet HTML 7Page - STMicroelectronics L4925_V01 Datasheet HTML 8Page - STMicroelectronics L4925_V01 Datasheet HTML 9Page - STMicroelectronics L4925_V01 Datasheet HTML 10Page - STMicroelectronics L4925_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
L4925
Electrical specifications
Doc ID 1770 Rev 8
7/14
Reset
VRT
Reset threshold voltage
4.2
4.8
V
VRTH
Reset threshold
50
100
200
mV
tRD
Reset pulse delay
CT = 100 nF; tR 100 µs
60
100
140
ms
tRR
Reset reaction time
CT = 100 nF;
5
30
µs
VRL
Reset output low voltage
RRES = 10 Kto VO; VS = 3V
0.4
V
IRH
Reset output high leakage
current
VRES = 5 V
1
µA
VCTth
Delay comparator threshold
2
V
VCTth hy
Delay comparator threshold
hysteresis
200
mV
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com