| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358ADE4 Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM358ADE4 Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 68 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 5962-87710012A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 87710012A LM158FKB 5962-8771001PA Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 8771001PA LM158 5962-87710022A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 87710022A LM158AFKB 5962-8771002PA Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 8771002PA LM158A LM158 MW8 Active Production WAFERSALE (YS) | 0 1 | NOT REQUIRED - Call TI Level-1-NA-UNLIM -55 to 125 LM158AFKB Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 87710022A LM158AFKB LM158AFKB.A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 87710022A LM158AFKB LM158AJG Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 LM158AJG LM158AJG.A Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 LM158AJG LM158AJGB Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 8771002PA LM158A LM158AJGB.A Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 8771002PA LM158A LM158FKB Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 87710012A LM158FKB LM158FKB.A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 87710012A LM158FKB LM158JG Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 LM158JG LM158JG.A Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 LM158JG LM158JGB Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 8771001PA LM158 Addendum-Page 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |