Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S-882Z Datasheet(PDF) 10 Page - Seiko Instruments Inc

No. de pieza S-882Z
Descripción Electrónicos  ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-882Z Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-882Z Datasheet HTML 6Page - Seiko Instruments Inc S-882Z Datasheet HTML 7Page - Seiko Instruments Inc S-882Z Datasheet HTML 8Page - Seiko Instruments Inc S-882Z Datasheet HTML 9Page - Seiko Instruments Inc S-882Z Datasheet HTML 10Page - Seiko Instruments Inc S-882Z Datasheet HTML 11Page - Seiko Instruments Inc S-882Z Datasheet HTML 12Page - Seiko Instruments Inc S-882Z Datasheet HTML 13Page - Seiko Instruments Inc S-882Z Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
S-882Z Series
Rev.1.2_00
10
Seiko Instruments Inc.
Selection of Product and Startup Capacitor (CCPOUT)
To reliably start up the step-up DC-DC converter, in the S-882Z Series, select the discharge start voltage value
(VCPOUT1) and the capacitance value of the external startup capacitor (CCPOUT) according to the step-up DC-DC
converter to be started, its external parts, and the output load.
Generally, an output smoothing capacitor with a large capacitance value and an output load are connected to the
output pin of the step-up DC-DC converter. Therefore, to start up the step-up DC-DC converter thus connected, it
is necessary to select a large capacitance value for the startup capacitor.
As a reference, the following shows an example that a Schottky diode (SD1) is added between the output pin
(OUT) and the power supply pin (VDD) of the step-up DC-DC converter to be started up in the S-882Z Series
(refer to Figure 14). As a result, it is possible to start up the step-up DC-DC converter by the capacitor with a
small value.
CVDD in Figure 14 is the power supply smoothing capacitor of the step-up DC-DC converter.
VIN
CIN
VIN
CCPOUT
VIN
OUT
VM
VSS
S-882Z Series
VSS
CL
VOUT
Step-up DC-DC converter
CVDD
VDD
OUT
CPOUT
SD1
Figure 14 Connection Diagram (Reference)
The selection method for VCPOUT1 and CCPOUT when the reference connection shown in Figure 14 has been
performed is described below.
Select VCPOUT1 and CCPOUT so that they satisfy the following conditional expression.
VCPOUT1
• CCPOUT
CCPOUT
+ CVDD
0.1
• IVDD − VDDL • (CCPOUT + CVDD) > 2tS • IVDD
VCPOUT1
> VDDL + 0.2 V
CCPOUT
> 10CVDD
VCPOUT1 : Discharge start voltage value of S-882Z Series (unit : V)
CCPOUT : Capacitance value of startup capacitor (unit :
µF)
CVDD :
Capacitance value of power smoothing capacitor for step-up DC-DC converter (unit :
µF)
IVDD :
Consumption current value of step-up DC-DC converter (unit : mA)
VDDL :
Minimum operation voltage of step-up DC-DC converter (unit : V)
tS :
Step-up DC-DC converter startup time
≅ Soft start time (unit : ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com