Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSP430F2011IPWR Datasheet(PDF) 17 Page - Texas Instruments

No. de pieza MSP430F2011IPWR
Descripción Electrónicos  MIXED SIGNAL MICROCONTROLLER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F2011IPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F2011IPWR Datasheet HTML 13Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 14Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 15Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 16Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 17Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 18Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 19Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 20Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491I – AUGUST 2005 – REVISED DECEMBER 2012
Timer_A2
Timer_A2 is a 16-bit timer/counter with two capture/compare registers. Timer_A2 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A2 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
Table 12. Timer_A2 Signal Connections (MSP430F20x1)
INPUT PIN NUMBER
MODULE
OUTPUT PIN NUMBER
DEVICE INPUT
MODULE
MODULE
OUTPUT
SIGNAL
INPUT NAME
BLOCK
PW, N
RSA
PW, N
RSA
SIGNAL
2 - P1.0
1 - P1.0
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
2 - P1.0
1 - P1.0
TACLK
INCLK
3 - P1.1
2 - P1.1
TA0
CCI0A
3 - P1.1
2 - P1.1
ACLK (internal)
CCI0B
7 - P1.5
6 - P1.5
CCR0
TA0
VSS
GND
VCC
VCC
4 - P1.2
3 - P1.2
TA1
CCI1A
4 - P1.2
3 - P1.2
CAOUT
CCI1B
8 - P1.6
7 - P1.6
(internal)
CCR1
TA1
VSS
GND
13 - P2.6
12 - P2.6
VCC
VCC
Table 13. Timer_A2 Signal Connections (MSP430F20x2, MSP430F20x3)
INPUT PIN NUMBER
MODULE
OUTPUT PIN NUMBER
DEVICE INPUT
MODULE
MODULE
OUTPUT
SIGNAL
INPUT NAME
BLOCK
PW, N
RSA
PW, N
RSA
SIGNAL
2 - P1.0
1 - P1.0
TACLK
TACLK
Timer
NA
ACLK
ACLK
SMCLK
SMCLK
2 - P1.0
1 - P1.0
TACLK
INCLK
3 - P1.1
2 - P1.1
TA0
CCI0A
CCR0
TA0
3 - P1.1
2 - P1.1
7 - P1.5
6 - P1.5
ACLK (internal)
CCI0B
7 - P1.5
6 - P1.5
VSS
GND
VCC
VCC
4 - P1.2
3 - P1.2
TA1
CCI1A
CCR1
TA1
4 - P1.2
3 - P1.2
8 - P1.6
7 - P1.6
TA1
CCI1B
8 - P1.6
7 - P1.6
VSS
GND
13 - P2.6
12 - P2.6
VCC
VCC
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More