| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MUX506IPWR.B Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX506IPWR.B Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 43 page ![]() ±1.0 ±0.8 ±0.6 ±0.4 ±0.2 0.0 0.2 0.4 0.6 0.8 1.0 ±20 ±15 ±10 ±5 0 5 10 15 20 ADC Differential Peak-to-Peak Input (V) C030 29 MUX506, MUX507 www.ti.com SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017 Product Folder Links: MUX506 MUX507 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated Typical Application (continued) 9.2.2 Detailed Design Procedure The purpose of this precision design is to design an optimal, high-voltage, multiplexed, data-acquisition system for highest system linearity and fast settling. The overall system block diagram is illustrated in Figure 42. The circuit is a multichannel, data-acquisition signal chain consisting of an input low-pass filter, mux, mux output buffer, attenuating SAR ADC driver, and the reference driver. The architecture allows fast sampling of multiple channels using a single ADC, providing a low-cost solution. This design systematically approaches each analog circuit block to achieve a 16-bit settling for a full-scale input stage voltage and linearity for a 10-kHz sinusoidal input signal at each input channel. Detailed design considerations and component selection procedure can be found in the TI Precision Design TIPD151, 16-Bit, 400-kSPS, 4-Channel Multiplexed Data-Acquisition System for High-Voltage Inputs with Lowest Distortion. 9.2.3 Application Curve Figure 43. ADC 16-Bit Linearity Error for the Multiplexed Data-Acquisition Block |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |