| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
W0603R-11-RDI Datasheet(PDF) 3 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
W0603R-11-RDI Datasheet(HTML) 3 Page - TT Electronics. |
|
3 / 3 page ![]() Precision Thin Film Chip Resistors PFC Commercial Series Physical Data Ordering Procedure This product has two valid part numbers: European (Welwyn) Part Number: W1206R-01-1K0BI (1206, 100ppm/°C, 1 kilohm ±0.1%, Pb-fre Pb-free e) W 1 2 0 6 R - 0 1 - 1 K 0 B I 1 2 3 4 5 6 USA (IRC) Commercial Part Number: PFC-W1206LF-01-1001-B (1206, 100ppm/°C, 1 kilohm ±0.1%, ) P F C - W 1 2 0 6 L F - 0 1 - 1 0 0 1 - B 1 2 3 4 5 6 Dimensions in inches (mm) Model L W H a b W0402 0.04 ±0.002 (1.02 ±0.05) 0.021 ±0.002 (0.53 ±0.05) 0.012 ±0.003 (0.3 ±0.08) 0.008 ±0.002 (0.2 ±0.05) 0.01 ±0.002 (0.25 ±0.05) W0603 0.063 ±0.004 (1.6 ±0.1) 0.031 ±0.004 (0.79 ±0.1) 0.02 ±0.004 (0.51 ±0.1) 0.012 ±0.005 (0.3 ±0.13) 0.015 ±0.005 (0.38 ±0.13) W0805 0.081 ±0.005 (2.06 ±0.13) 0.05 ±0.005 (1.27 ±0.13) 0.02 ±0.006 (0.51 ±0.15) 0.015 ±0.008 (0.38 ±0.2) 0.016 ±0.008 (0.41 ±0.2) W1206 0.126 ±0.006 (3.2 ±0.15) 0.063 ±0.005 (1.6 ±0.13) 0.024 ±0.004 (0.61 ±0.1) 0.025 ±0.01 (0.64 ±0.25) 0.025 ±0.01 (0.64 ±0.25) 1 2 3 4 5 6 Type Size TCR Value Tolerance Termination & Packing W=PFC 0402 R-12 = ±10ppm/°C E24 = 3/4 characters E96 = 3/4 characters R = ohms K = kilohms M = megohms I = Pb-free, Standard pack 0603 R-11 = ±15ppm/°C 0805 R = ±25ppm/°C . B = ±0 1% All sizes 5000/reel* 1206 R-02 = ±50ppm/°C D = ±0.5% R-01 = ±100ppm/°C F = ±1% G = ±2% J = ±5% 1 2 3 4 5 6 Family Model Termination TCR Value Tolerance Packing PFC W0402 12 = ±10ppm/°C 3 digits + multiplier All sizes 5000/reel* W060 11 = ±15ppm/°C R = ohms for values <100 ohms W0805 03 = ±25ppm/°C B = ±0.1% W1206 02 = ±50ppm/°C 01 = ±100ppm/°C F = ±1% G = ±2% J = ±5% D = ±0.5% LF = Pb-free (100%Sn) Physical Data Ordering Procedure This product has two valid part numbers: European (Welwyn) Part Number: W1206R-01-1K0BI (1206, 100ppm/°C, 1 kilohm ±0.1%, Pb-fre Pb-free e) W 1 2 0 6 R - 0 1 - 1 K 0 B I 1 2 3 4 5 6 USA (IRC) Commercial Part Number: PFC-W1206LF-01-1001-B (1206, 100ppm/°C, 1 kilohm ±0.1%, ) P F C - W 1 2 0 6 L F - 0 1 - 1 0 0 1 - B 1 2 3 4 5 6 Dimensions in inches (mm) Model L W H a b W0402 0.04 ±0.002 (1.02 ±0.05) 0.021 ±0.002 (0.53 ±0.05) 0.012 ±0.003 (0.3 ±0.08) 0.008 ±0.002 (0.2 ±0.05) 0.01 ±0.002 (0.25 ±0.05) W0603 0.063 ±0.004 (1.6 ±0.1) 0.031 ±0.004 (0.79 ±0.1) 0.02 ±0.004 (0.51 ±0.1) 0.012 ±0.005 (0.3 ±0.13) 0.015 ±0.005 (0.38 ±0.13) W0805 0.081 ±0.005 (2.06 ±0.13) 0.05 ±0.005 (1.27 ±0.13) 0.02 ±0.006 (0.51 ±0.15) 0.015 ±0.008 (0.38 ±0.2) 0.016 ±0.008 (0.41 ±0.2) W1206 0.126 ±0.006 (3.2 ±0.15) 0.063 ±0.005 (1.6 ±0.13) 0.024 ±0.004 (0.61 ±0.1) 0.025 ±0.01 (0.64 ±0.25) 0.025 ±0.01 (0.64 ±0.25) 1 2 3 4 5 6 Type Size TCR Value Tolerance Termination & Packing W=PFC 0402 R-12 = ±10ppm/°C E24 = 3/4 characters E96 = 3/4 characters R = ohms K = kilohms M = megohms I = Pb-free, Standard pack 0603 R-11 = ±15ppm/°C 0805 R = ±25ppm/°C . B = ±0 1% All sizes 5000/reel* 1206 R-02 = ±50ppm/°C D = ±0.5% R-01 = ±100ppm/°C F = ±1% G = ±2% J = ±5% 1 2 3 4 5 6 Family Model Termination TCR Value Tolerance Packing PFC W0402 12 = ±10ppm/°C 3 digits + multiplier All sizes 5000/reel* W060 11 = ±15ppm/°C R = ohms for values <100 ohms W0805 03 = ±25ppm/°C B = ±0.1% W1206 02 = ±50ppm/°C 01 = ±100ppm/°C F = ±1% G = ±2% J = ±5% D = ±0.5% LF = Pb-free (100%Sn) 10.18 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn * Non-standard pack quantity 1000/reel may be available by special request – contact factory. |