| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OPA192IDBVT Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA192IDBVT Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 61 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) OPA192ID Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA192 OPA192ID.B Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA192 OPA192IDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUYS OPA192IDBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUYS OPA192IDBVRG4 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUYS OPA192IDBVRG4.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUYS OPA192IDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUYS OPA192IDBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUYS OPA192IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUXS OPA192IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUXS OPA192IDGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUXS OPA192IDGKRG4.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUXS OPA192IDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUXS OPA192IDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUXS OPA192IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA192 OPA192IDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA192 OPA192IDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA192 OPA192IDRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA192 OPA2192ID Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 2192 OPA2192ID.B Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 2192 OPA2192IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OVLM OPA2192IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OVLM OPA2192IDGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OVLM OPA2192IDGKRG4.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OVLM OPA2192IDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OVLM OPA2192IDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OVLM OPA2192IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 2192 OPA2192IDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 2192 OPA2192IDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 2192 Addendum-Page 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |