Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RTDW Datasheet(PDF) 2 Page - Bourns Electronic Solutions

No. de pieza RTDW
Descripción Electrónicos  RTDW Series – Riedon™ Precision Wirewound Temperature Sensors by Bourns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RTDW Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RTDW Datasheet HTML 1Page - Bourns Electronic Solutions RTDW Datasheet HTML 2Page - Bourns Electronic Solutions RTDW Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RTDW Series – Riedon™ PrecisionWirewoundTemperature Sensors by Bourns
REV. 09/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Specifications
All models......................................................... 100 pcs. per bag
Common Temperature Sensing Alloys
Alloy
TCR ±300 PPM/°C
(0 °C - 100 °C, 25 °C reference)
Ordering
Code
Nickel 99.9%
+6000
N
Balco
+4500
B
Rediseal
+3500
R
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com
How To Order
RTDW 1 N - 1K F 1
Model
Size
1
2
3
TCR Code (PPM/°C)
N = 6000
B = 4500
R = 3500
Resistance Code
100R = 100 Ohms
500R = 500 Ohms
1K = 1K Ohms
Tolerance in Percent
F = ±1 %
J = ±5 %
Internal Use



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com