Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCM2902CDB.B Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza PCM2902CDB.B
Descripción Electrónicos  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2902CDB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM2902CDB.B Datasheet HTML 9Page - Texas Instruments PCM2902CDB.B Datasheet HTML 10Page - Texas Instruments PCM2902CDB.B Datasheet HTML 11Page - Texas Instruments PCM2902CDB.B Datasheet HTML 12Page - Texas Instruments PCM2902CDB.B Datasheet HTML 13Page - Texas Instruments PCM2902CDB.B Datasheet HTML 14Page - Texas Instruments PCM2902CDB.B Datasheet HTML 15Page - Texas Instruments PCM2902CDB.B Datasheet HTML 16Page - Texas Instruments PCM2902CDB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
70
60
50
40
30
20
0.3
0.28
0.26
0.24
0.22
0.2
4
4.5
4.75
5.25
5.5
Supply Voltage (V)
G013
4.25
5
Suspend
Operational
70
60
50
40
30
20
30
35
40
45
50
Sampling Frequency (kHz)
G014
ADC and DAC
0.4
0.35
0.3
0.25
0.2
0.15
0.1
-40
0
40
60
100
Free-Air Temperature ( C)
°
G015
-20
20
80
USB Spec Limit for Device (0.3 mA)
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
TYPICAL CHARACTERISTICS: SUPPLY CURRENT
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, using REG 103xA-A, unless otherwise
noted.
OPERATIONAL AND SUSPEND SUPPLY CURRENT
OPERATIONAL SUPPLY CURRENT
vs SUPPLY VOLTAGE
vs SAMPLING FREQUENCY
Figure 13.
Figure 14.
SUSPEND SUPPLY CURRENT
vs FREE-AIR TEMPERATURE
Figure 15.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com