| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS252 Datasheet(PDF) 9 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS252 Datasheet(HTML) 9 Page - Integrated Device Technology |
|
9 / 11 page ![]() ICS252 FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT™ / ICS™ FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 9 ICS252 REV E 082007 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. The ICS252M-XX, ICS252M-XXLF, ICS252MI-XX, and ICS252MI-XXLF are factory programmed versions of the ICS252PM, ICS252PMLF, ICS252PMI, and ICS252PMILF. A unique “-XX” suffix is assigned by the factory for each custom configuration, and a separate data sheet is kept on file. For more information on custom part numbers programmed at the factory, please contact your local IDT sales and marketing representative. While the information presented herein has been checked for both accuracy and reliability, IDT assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS252PM See Page 7 Above Tubes 8-pin SOIC 0 to +70 ° C ICS252PMI Tubes 8-pin SOIC -40 to +85 ° C ICS252PMLF Tubes 8-pin SOIC 0 to +70 ° C ICS252PMILF Tubes 8-pin SOIC -40 to +85 ° C ICS252M-XX 252M-XX Tubes 8-pin SOIC 0 to +70 ° C ICS252MI-XX 252MIXX Tubes 8-pin SOIC -40 to +85 ° C ICS252M-XXLF 252MXXL Tubes 8-pin SOIC 0 to +70 ° C ICS252MI-XXLF 252MIXXL Tubes 8-pin SOIC -40 to +85 ° C ICS252M-XXT 252M-XX Tape and Reel 8-pin SOIC 0 to +70 ° C ICS252MI-XXT 252MIXX Tape and Reel 8-pin SOIC -40 to +85 ° C ICS252M-XXLFT 252MXXL Tape and Reel 8-pin SOIC 0 to +70 ° C ICS252MI-XXLFT 252MIXXL Tape and Reel 8-pin SOIC -40 to +85 ° C |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |