Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN74ACT00 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza SN74ACT00
Descripción Electrónicos  SNx4ACT00 Quadruple 2-Input Positive-NAND Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT00 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT00 Datasheet HTML 1Page - Texas Instruments SN74ACT00 Datasheet HTML 2Page - Texas Instruments SN74ACT00 Datasheet HTML 3Page - Texas Instruments SN74ACT00 Datasheet HTML 4Page - Texas Instruments SN74ACT00 Datasheet HTML 5Page - Texas Instruments SN74ACT00 Datasheet HTML 6Page - Texas Instruments SN74ACT00 Datasheet HTML 7Page - Texas Instruments SN74ACT00 Datasheet HTML 8Page - Texas Instruments SN74ACT00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3 Pin Configuration and Functions
Figure 3-1. SN54ACT00 J or W Package;
SN74ACT00 D, DB, N, NS, or PW Package (Top
View)
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
3Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 3-2. SN74ACT00 BQA Package (Transparent
Top View)
Figure 3-3. SN54ACT00 FK Package (Top View)
Table 3-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
BQA, D, DB, J, N, NS,
PW, or W NO.
FK NO.
1A
1
2
I
Channel 1, Input A
1B
2
3
I
Channel 1, Input B
1Y
3
4
O
Channel 1, Output Y
2A
4
6
I
Channel 2, Input A
2B
5
8
I
Channel 2, Input B
2Y
6
9
O
Channel 2, Output Y
3A
9
13
O
Channel 3, Output Y
3B
10
14
I
Channel 3, Input A
3Y
8
12
I
Channel 3, Input B
4A
12
18
O
Channel 4, Output Y
4B
13
19
I
Channel 4, Input A
4Y
11
16
I
Channel 4, Input B
GND
7
10
G
Ground
VCC
14
20
P
Positive Supply
NC
-
1, 5, 7, 11, 15, 17
-
Not internally connected
www.ti.com
SN54ACT00, SN74ACT00
SCAS523F – AUGUST 1995 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54ACT00 SN74ACT00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com