| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L99ASC03 Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99ASC03 Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 73 page ![]() DocID023504 Rev 7 51/73 L99ASC03 ST-SPI Protocol 72 Table 35. Device information read access operation code Operating code OC1 OC0 11 Table 36. Device information registers Address Data Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 3FH <Advanced option> 3EH <GSB options> R 0 0 0 0H ... ... 00H 20H <SPI CPHA test> R 01 0101 01 1FH <WD bit pos. 14>opt. R00H ... ... R 00H 14H <WD bit pos. 2>opt. RC0H 13H <WD bit pos. 1>opt. R41H 12H <WD type 2> R 99H 11H <WD type 1> R 49H 10H <SPI mode> R 90H ... ... R 00H 0AH <Silicon version> R 0H 0H 09H <Device number 8> R 00H ... ... R 00H 04H <Device number 3> R 10H 03H <Device number 2> R 49H 02H <Device number 1> R 55H 01H <Device family> R 01H 00H <Company code> R 00H |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |