Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECS-480-10-48B-RTY-TR Datasheet(PDF) 1 Page - ECS, Inc.

No. de pieza ECS-480-10-48B-RTY-TR
Descripción Electrónicos  SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ECS [ECS, Inc.]
Página de inicio  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-480-10-48B-RTY-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-480-10-48B-RTY-TR Datasheet HTML 1Page - ECS, Inc. ECS-480-10-48B-RTY-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-1048B
UNITS
MIN
TYP
MAX
Frequency
32.000
60.000
MHz
Frequency Tolerance
@ +25°C (C)
± 10
ppm
Frequency Stability
-40 ~ +85°C (TN)
± 20
ppm
Equivalent Series
Resistance (ESR)
32 ~ 47.9 MHz
100
Ω
48.0 ~ 60.0 MHz
80
Ω
Shunt Capacitance
Co
3
pF
Load Capacitance
Specify in P/N
10
pF
Drive Level
DL
10
100
μW
Operating Temperature
Topr
-40
+85
°C
Storage Temperature
Tstg
-40
+105
°C
Aging (First Year)
@ +25°C ±3°C
±2
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
CUSTOM OPTIOND
Tolerance
* Stability
Temp Range
PACKAGING
PAD CONNECTIONS
1
In/Out
2
Gnd & Lid
3
Out/In
4
NC
DIMENSIONS (mm)
Figure 2) Suggested Land Pattern
10 = 10 pF
* Other CL’s
available
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
-48B =
ECX-1048B
The ultra-miniature ECX-1048B is a our smallest compact Crystal.
The 1.2 x 1.0 x 0.35 mm ceramic package is ideal for today’s
SMD manufacturing environment.
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
ECX-1048B
SMD CRYSTAL
ECX-1048B SMD CRYSTAL
TR =
3K/Reel
TR5 =
5K/Reel
• Low Profile
• 1.2 x 1.0 mm Footprint
• Extended Temp. Range
• RoHS Compliant
• IOT/Wearable Applications
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm
W = ± 15 ppm
*K = ± 10 ppm
PART NUMBERING GUIDE: Example ECS-480-10-48B-CTN-TR
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
Figure 1) Top, Side, and Bottom views
480 = 48.000 MHz
See P/N Guide
Rev.2021
ECS
*Contact ECS for availability
Request a Sample


Número de pieza similar - ECS-480-10-48B-RTY-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ECS, Inc.
ECS-480-20-5PX-TR ECS-ECS-480-20-5PX-TR Datasheet
176Kb / 2P
SMD Quartz Crystal
ECS-480-7-48B-AEM-TR ECS-ECS-480-7-48B-AEM-TR Datasheet
644Kb / 2P
The ultra-minature ECX-1048B is a our smallest compact Crystal
ECS-480-7-48B-AEN-TR ECS-ECS-480-7-48B-AEN-TR Datasheet
644Kb / 2P
The ultra-minature ECX-1048B is a our smallest compact Crystal
ECS-480-7-48B-AEY-TR ECS-ECS-480-7-48B-AEY-TR Datasheet
644Kb / 2P
The ultra-minature ECX-1048B is a our smallest compact Crystal
ECS-480-7-48B-AGM-TR ECS-ECS-480-7-48B-AGM-TR Datasheet
644Kb / 2P
The ultra-minature ECX-1048B is a our smallest compact Crystal
More results

Descripción similar - ECS-480-10-48B-RTY-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ECS, Inc.
CSM-7XDN ECS-CSM-7XDN Datasheet
146Kb / 1P
SMD CRYSTAL
CSM-9 ECS-CSM-9 Datasheet
155Kb / 1P
SMD CRYSTAL
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
SMD CRYSTAL
ECX-42 ECS-ECX-42 Datasheet
112Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
SMD CRYSTAL
ECX-1637Q ECS-ECX-1637Q Datasheet
604Kb / 1P
SMD CRYSTAL
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
ECX-1637B2 ECS-ECX-1637B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com