| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPS745D Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS745D Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() STPS745 Package information DocID3516 Rev 8 5/14 2 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Cooling method: by conduction (C) Epoxy meets UL 94,V0 Recommended torque value: 0.55 Nm (for TO-220AC and TO-220FPAC) Maximum torque value: 0.70 Nm (for TO-220AC and TO-220FPAC) |