Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS745G-TR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STPS745G-TR
Descripción Electrónicos  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745G-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS745G-TR Datasheet HTML 1Page - STMicroelectronics STPS745G-TR Datasheet HTML 2Page - STMicroelectronics STPS745G-TR Datasheet HTML 3Page - STMicroelectronics STPS745G-TR Datasheet HTML 4Page - STMicroelectronics STPS745G-TR Datasheet HTML 5Page - STMicroelectronics STPS745G-TR Datasheet HTML 6Page - STMicroelectronics STPS745G-TR Datasheet HTML 7Page - STMicroelectronics STPS745G-TR Datasheet HTML 8Page - STMicroelectronics STPS745G-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
STPS745
2/14
DocID3516 Rev 8
1
Characteristics
Table 2: Absolute ratings (limiting values, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
20
A
IF(AV)
Average forward current
δ = 0.5, square wave
TO-220AC / D2PAK
TC = 160 °C
7.5
A
TO-220FPAC
TC = 145 °C
IFSM
Surge non repetitive
forward current
tp = 10 ms sinusoidal
150
A
PARM
Repetitive peak
avalanche power
tp = 10 µs, Tj= 125 °C
190
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
+ 175
°C
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameter
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AC / D2PAK
3.0
°C/W
TO-220FPAC
5.5
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
100
µA
Tj = 125 °C
-
5
15
mA
VF(1)
Forward voltage drop
Tj = 125 °C
IF = 7.5 A
-
0.5
0.57
V
Tj = 25 °C
IF = 15 A
-
0.84
Tj = 125 °C
IF = 15 A
-
0.65
0.72
Notes:
(1)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.42 x IF(AV) + 0.020 IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com