| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
076598 Datasheet(PDF) 5 Page - Mountz Torque. All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
076598 Datasheet(HTML) 5 Page - Mountz Torque. All Rights Reserved. |
|
5 / 9 page ![]() FEATURE WHAT IS IT? ADVANTAGE END USER BENEFIT Cycles Before Calibration • ISO 6789-1:2017 calls for maximum of 5,000 torque applications • Exceeds standards • Mountz 4x ISO standards: 20,000 cycles before re-calibration • Longer time on the production line • Reduces calibration budget and down time Consistency • Lifecycle testing of well over 3 million combined torque applications • Confidence every tool meets requirements • Reduces need to replace tools/parts • Lower required tool inventory Cam-Over Technology • Eliminate over-torque • Limits the amount of force applied • Eliminates fastener breakage issues • Ensures correct torque is applied • Precision and accuracy • Error proofing assembly process • Safeguards against fastening failures Handle Flutes • Sleek 4-flute handle design • Ergonomic • Sleek and comfortable • Easy to clean Needle Thrust Bearing • Rotary bearing to allow rotation between parts • Reduces axial load torque dependency • Reduces friction influence on tool output • Longer life on internal components • Higher accuracy • Durability Metal End Cap • Eliminates possibility of damage to end cap • Durable and doesn’t strip out like plastic • Fewer parts need replacement • Easier to service Bit Retention (Universal Bit Holder) • ¼ inch female hex bit holder that grips any type of bit • Patented One Touch bit release • Safe and secure • No band / spring and captive ball to fall out • Better quality and productivity on line • Bits don’t fall out or into assembly operation Locking Mechanism • Double locking mechanism to prevent accidental torque setting change • Avoids torque setting drift • Longer period before re-calibration • Higher accuracy over time Preset Tool • Internal torque adjustment mechanism • Non-graduated setting torque tool • Tool is set to a designated torque value • Correct torque value is consistently applied • Enhanceprocessreliability • Improveproductionquality • Increaseproductivity • Reducescraprates PRODUCT OVERVIEW 5 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |