Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XIO2001ZWS.A Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza XIO2001ZWS.A
Descripción Electrónicos  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001ZWS.A Datasheet(HTML) 3 Page - Texas Instruments

  XIO2001ZWS.A Datasheet HTML 1Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 2Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 3Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 4Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 5Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 6Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 7Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 8Page - Texas Instruments XIO2001ZWS.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 145 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 3
5 Pin Configuration and Functions...................................5
6 Specifications................................................................ 15
6.1 Absolute Maximum Ratings...................................... 15
6.2 Handling Ratings.......................................................15
6.3 Recommended Operating Conditions.......................15
6.4 Thermal Information (1) ............................................ 16
6.5 Nominal Power Consumption................................... 16
6.6 PCI Express Differential Transmitter Output
Ranges........................................................................ 17
6.7 PCI Express Differential Receiver Input Ranges...... 18
6.8 PCI Express Differential Reference Clock Input
Ranges (1) ...................................................................19
6.9 PCI Bus Electrical Characteristics............................ 20
6.10 3.3-V I/O Electrical Characteristics......................... 20
6.11 PCI Bus Timing Requirements................................ 21
6.12 Power-Up/-Down Sequencing.................................21
7 Parameter Measurement Information.......................... 24
8 Detailed Description......................................................26
8.1 Overview................................................................... 26
8.2 Functional Block Diagram......................................... 26
8.3 Feature Description...................................................26
8.4 Register Maps...........................................................42
8.5 PCI Express Extended Configuration Space............ 91
8.6 Memory-Mapped TI Proprietary Register Space.... 102
9 Application, Implementation, and Layout................. 114
9.1 Application Information............................................114
9.2 Typical Application.................................................. 114
9.3 Layout..................................................................... 124
9.4 Power Supply Recommendations...........................126
10 Device and Documentation Support........................130
10.1 Documents Conventions.......................................130
10.2 Documentation Support........................................ 131
10.3 Support Resources............................................... 131
10.4 Trademarks...........................................................131
10.5 Electrostatic Discharge Caution............................131
10.6 Glossary................................................................131
11 Mechanical, Packaging, and Orderable
Information.................................................................. 131
4 Revision History
REVISION
DATE
REVISION
NUMBER
REVISION COMMENTS
5/2009
–
Initial release
5/2009
A
Corrected typos
9/2009
B
10/2009
C
Added PNP Package and ESD Ratings
Removed terminal assignment tables for all packages
1/2010
D
Corrected PNP pinout, replaced Ordering Information with Package Option Addendum
11/2011
E
Corrected Vi PCI Express REFCLK(differential) parameters
Corrected VRX-DIFFp-p parameters
Removed label N13 on the signal VDD_15 for the ZAJ package
5/2012
F
Added missing PNP pin numbers to the Table 2-1 and to the Table 2-2
5/2012
G
Changed external parts for CLKRUN_EN to include pulldown resostor
Deleted Note from CLKRUIN_EN terminal's description
Changed external Parts for EXT_ARB_EN to include pulldown resistor
Deleted Note from EXT_ARB_EN terminal's description
8/2014
H
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section,
Device Functional Modes, Application and Implementation section, Power Supply Recommendations
section, Layout section, Device and Documentation Support section, and Mechanical, Packaging, and
Orderable Information section
Updated Power-Up Sequence section
Identified VDD_15_PLL pins
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com