| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA63PIU7 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA63PIU7 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 185 page ![]() Functional overview STM32WBA6xxx 22/185 DS14736 Rev 1 3.6 Embedded SRAMs SRAM1 and SRAM2 are the main embedded SRAMs, each with specific features. These memories can be used for peripherals background autonomous mode (BAM). The SRAMs can be powered down in Stop mode to reduce consumption: • SRAM1: up to seven 64-Kbyte blocks (up to 448 Kbytes), can be retained in Standby mode • SRAM2: one 64-Kbyte block with parity, can be retained in Standby mode. 3.6.1 SRAMs TrustZone security When TrustZone security is enabled, SRAMs are secure after reset. SRAM1 and SRAM2 can be programmed as secure or nonsecure by blocks, using the block-based memory protection controller (MPCBB). The granularity of SRAM secure block based is a page of 512 bytes. 3.6.2 SRAMs privilege protection The SRAM1 and SRAM2 can be programmed as privileged or unprivileged by blocks, using the MPCBB. The granularity of SRAM block-based privilege is a page of 512 bytes. 3.7 TrustZone security architecture The security architecture is based on Arm TrustZone with the Armv8-M main extension. The TZEN option bit in the FLASH_OPTR register activates the TrustZone security. When TrustZone is enabled, the SAU (security attribution unit) and IDAU (implementation defined attribution unit) define the access permissions based on secure and nonsecure state. • SAU: up to eight SAU configurable regions are available for security attribution. • IDAU: provides a first memory partition as nonsecure or nonsecure callable attributes. It is then combined with the results from the SAU security attribution and the higher security state is selected. Based on IDAU security attribution, the flash memory, system SRAM and peripheral memory space is aliased twice for secure and nonsecure states. Table 5 shows an example of typical SAU regions configuration based on IDAU regions. Table 5. Example of memory map security attribution versus SAU configuration regions Region description Address range IDAU security attribution SAU security attribution typical configuration Final security attribution ICACHE Re-mappable (Reserved) 0x0000 0000 0x07FF FFFF Nonsecure Secure or nonsecure or nonsecure callable Code flash memory and SRAM 0x0800 0000 0x0BFF FFFF Nonsecure 0x0C00 0000 0x0FFF FFFF Nonsecure callable Secure or NSC |