| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA64PIU7 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA64PIU7 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 185 page ![]() DS14736 Rev 1 21/185 STM32WBA6xxx Functional overview 69 3.5.2 Additional flash memory protections when TrustZone is activated When the TrustZone security is enabled through option bytes, the whole flash memory is secure after reset and the following protections are available: • Nonvolatile watermark-based secure flash memory area The secure area can be accessed only in Secure mode. One area can be selected with a page granularity. • Secure hide protection area (HDP) It is part of the flash memory secure area and can be protected to deny access to this area by any data read, write, and instruction fetch. For example, a software code in the secure flash memory hide protection area can be executed only once and deny any further access to this area until the next system reset. One area can be selected at the beginning of the secure area. • Volatile block-based secure flash memory area Each page can be programmed on-the-fly as secure or nonsecure. 3.5.3 FLASH privilege protection Each flash memory page can be programmed on-the-fly as privileged or unprivileged. OTP 0.5 Yes Yes(7) N/A Yes Yes(7) N/A 1Yes Yes(7) N/A Yes Yes(7) N/A 2Yes Yes(7) N/A N/A N/A N/A Backup registers 0.5 Yes Yes N/A Yes(2) Yes(2) N/A(8) 1 Yes Yes N/A No No N/A(8) 2 Yes Yes N/A N/A N/A N/A SRAM2 0.5 Yes Yes N/A Yes(2) Yes(2) N/A(9) 1 Yes Yes N/A No No N/A(9) 2 Yes Yes N/A N/A N/A N/A 1. When the protection level 2 is active, the debug port and the bootloader mode are disabled. 2. Depends on TrustZone security access rights. 3. The system memory is only read-accessible, whatever the protection level (0, 1 or 2) and execution mode. 4. Option bytes are only accessible through the flash registers interface and OPSTRT bit. 5. The flash main memory is erased when the RDP option byte regresses from level 1 to level 0. 6. SWAP_BANK user option can be modified. 7. OTP can be written only once. 8. The backup registers are erased when RDP changes from level 1 to level 0. 9. All SRAMs are erased when RDP changes from level 1 to level 0. Table 4. Access status versus protection level and execution modes when TZEN = 1 (continued) Area RDP level User execution (boot from flash memory) Debug/bootloader(1) Read Write Erase Read Write Erase |