| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA65PIU7 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA65PIU7 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 185 page ![]() This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. December 2024 DS14736 Rev 1 1/185 STM32WBA6xxx Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone®, FPU, Bluetooth® IEEE802.15.4 radio solution Datasheet - preliminary data Features Includes ST state-of-the-art patented technology Ultra-low-power radio • 2.4 GHz radio • RF transceiver supporting Bluetooth® Low Energy 5.4 specification, IEEE 802.15.4-2015 PHY and MAC, supporting Thread, Matter, and Zigbee® • Proprietary protocols • RX sensitivity: -96 dBm (Bluetooth® Low Energy at 1 Mbps), -100 dBm (IEEE 802.15.4 at 250 kbps) • Programmable output power up to +10 dBm, with 1 dB steps • Support for external PA • Isochronous channel (Auracast/Unicast), AOA/AOD, long range • Packet traffic arbitration • Integrated balun to reduce BOM • Single crystal operation • Suitable for systems requiring compliance with radio frequency regulations ETSI EN 300 328, EN 300 440, FCC CFR47 Part 15 and ARIB STD-T66 Ultra-low-power with FlexPowerControl • 1.71 to 3.6 V power supply • -40 to 85/105 °C ambient temperature range • Autonomous peripherals with DMA, functional down to Stop 1 mode • 120 nA Standby mode (16 wake-up pins) • 1.33 μA Standby mode with RTC • 1.15 µA Standby mode with 64-Kbyte SRAM • 5.30 µA Stop 2 mode with 64-Kbyte SRAM • 29 µA/MHz Run mode • Radio: Rx 4.26 mA / Tx at 0 dBm 5.94 mA Core • Arm® 32-bit Cortex®-M33 CPU with TrustZone®, MPU, DSP, and FPU ART Accelerator • 8-Kbyte instruction cache allowing 0-wait-state execution from flash memory (frequency up to 100 MHz, 150 DMIPS) Benchmarks • 1.5 DMIPS/MHz (Dhrystone 2.1) • 410 CoreMark® (4.10 CoreMark/MHz) Memories • Up to 2-Mbyte dual bank flash memory with ECC, including 512 Kbytes with 100 K cycles • Up to 512-Kbyte SRAM, including 64 Kbytes with parity check • 512-byte (32 rows) OTP UFQFPN48 7 x 7 mm solder pad VFQFPN68 8 x 8 mm solder pad Thin WLCSP88 3.78 x 3.46 mm UFBGA121 6 x 6 mm www.st.com |
Número de pieza similar - STM32WBA65PIU7 |
|
Descripción similar - STM32WBA65PIU7 |