| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA65CIU6TR Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA65CIU6TR Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 185 page ![]() DS14736 Rev 1 31/185 STM32WBA6xxx Functional overview 69 Figure 4. Power supply overview (without SMPS) During power-up and power-down phases, the following power sequence requirements must be respected: • When VDD is below 1 V, other power supplies (namely VDDA, VDDIO2, VDDUSB) must remain below VDD + 300 mV. • When VDD is equal to or above 1 V, other power supplies are independent. • During the power-down phase, VDD can temporarily become lower than other supplies only if the energy provided to the MCU remains below 1 mJ. This allows external decoupling capacitors to be discharged with different time constants during the power- down transient phase. MSv56535V1 Core SRAM1 SRAM2 Digital peripherals Standby circuitry Wake-up logic, IWDG VDDA domain Backup domain LDO regulator I/O ring VCORE domain Reset block Temperature sensor PLL, internal oscillators Flash memory VDDA VSSA (3) VDD domain VCORE VSS (Exposed pad) (1) VDD VCAP Voltage regulator VDDRF VDDRFPA RADIO domain VDDHPA VSSRF (3) 2.4 GHz RADIO (1) Exposed pad is available only on QFN packages. (2) Not available on all packages. (3) Not available on all packages (when not available connected to VSS pin). (4) Not available on all packages (when not available connected to VDDA pin). VREF+ (4) VSS LSE crystal 32 kHz oscillator RTC, TAMP, Backup registers, RCC_BDCR1 ADC Comparators Voltage reference buffer USB OTG VDDUSB (2) VDDIO2 (2) I/O2 ring |