Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIU6TR Datasheet(PDF) 44 Page - STMicroelectronics

No. de pieza STM32WBA65PIU6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIU6TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32WBA65PIU6TR Datasheet HTML 40Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 41Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 42Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 43Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 44Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 45Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 46Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 47Page - STMicroelectronics STM32WBA65PIU6TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 185 page
background image
Functional overview
STM32WBA6xxx
44/185
DS14736 Rev 1
The SYSCFG TrustZone security secures the following configuration:
•
FPU interrupt configuration
•
Robustness features
•
I/O compensation and memory erase status
Some of the SYSCFG configuration bits security is defined by the security of other
peripherals:
•
The FMP high-drive mode of some I/Os configuration is secure when the
corresponding GPIO is secure.
•
The booster for I/Os analog switches configuration is secure when the ADC4 is secure.
3.16
Peripheral interconnect matrix
Several peripherals have direct connections between them, enabling autonomous
communication between them, and saving CPU resources (and power consumption). In
addition, these hardware connections allow fast and predictable latency.
Depending on the peripherals, these interconnections can operate in Run, Sleep and Stop
modes.
3.17
General purpose direct memory access controller (GPDMA)
The general purpose direct memory access (GPDMA) controller is a bus master and system
peripheral.
The GPDMA is used to perform programmable data transfers between memory-mapped
peripherals and/or memories via linked-lists, upon the control of an off-loaded CPU.
The GPDMA main features are:
•
Dual bidirectional AHB master
•
Memory-mapped data transfers from a source to a destination:
–
Peripheral-to-memory
–
Memory-to-peripheral
–
Memory-to-memory
–
Peripheral-to-peripheral
•
Autonomous data transfers during Run, Sleep and Stop 0 modes
•
Transfers arbitration based on a four-grade programmed priority at a channel level:
–
One high-priority traffic class, for time-sensitive channels (queue 3)
–
Three low-priority traffic classes, with a weighted round-robin allocation for
nontime-sensitive channels (queues 0, 1, 2)
•
Per channel event generation, on any of the following events: transfer complete or half
transfer complete or data transfer error or user setting error, and/or update linked-list
item error or completed suspension
•
Per channel interrupt generation, with separately programmed interrupt enable per
event
•
Eight concurrent DMA channels:
–
Per channel FIFO for queuing source and destination transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More