Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN337/G Datasheet(PDF) 27 Page - Texas Instruments

No. de pieza TCAN337/G
Descripción Electrónicos  TCAN33x 3.3V CAN Transceivers with CAN FD (Flexible Data Rate)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TCAN337/G Datasheet(HTML) 27 Page - Texas Instruments

Back Button TCAN337/G Datasheet HTML 23Page - Texas Instruments TCAN337/G Datasheet HTML 24Page - Texas Instruments TCAN337/G Datasheet HTML 25Page - Texas Instruments TCAN337/G Datasheet HTML 26Page - Texas Instruments TCAN337/G Datasheet HTML 27Page - Texas Instruments TCAN337/G Datasheet HTML 28Page - Texas Instruments TCAN337/G Datasheet HTML 29Page - Texas Instruments TCAN337/G Datasheet HTML 30Page - Texas Instruments TCAN337/G Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
7.2.1 Design Requirements
7.2.1.1 CAN Termination
The ISO 11898 standard specifies the interconnect to be a twisted-pair cable (shielded or unshielded) with 120Ω
characteristic impedance (ZO). Resistors equal to the characteristic impedance of the line should be used to
terminate both ends of the cable to prevent signal reflections. Unterminated drop lines (stubs) connecting nodes
to the bus should be kept as short as possible to minimize signal reflections. The termination may be on the
cable or in a node, but if nodes may be removed from the bus the termination must be carefully placed so that it
is not removed from the bus.
7.2.2 Detailed Design Procedure
Termination is typically a 120Ω resistor at each end of the bus. If filtering and stabilization of the common mode
voltage of the bus is desired, then split termination may be used. Split termination uses two 60Ω resistors with
a capacitor in the middle of these resistors to ground. Split termination improves the electromagnetic emissions
behavior of the network by eliminating fluctuations in the bus common mode voltages at the start and end of
message transmissions.
Care should be taken in the power ratings of the termination resistors used. Typically the worst case condition
would be if the system power supply was shorted across the termination resistance to ground. In most cases, the
current flow through the resistor in this condition is much higher than the transceiver current limit.
MCU or DSP
CAN
Controller
CAN Transceiver
Node 1
MCU or DSP
CAN
Controller
CAN Transceiver
Node 2
MCU or DSP
CAN
Controller
CAN Transceiver
Node 3
MCU or DSP
CAN
Controller
CAN Transceiver
Node n
(with termination)
RTERM
RTERM
Figure 7-2. Typical CAN Bus
CAN
Transceiver
CANL
CANH
RTERM/2
CSPLIT
CAN
Transceiver
RTERM
RTERM/2
Standard Termination
Split Termination
CANL
CANH
Figure 7-3. CAN Bus Termination Concepts
www.ti.com
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7F – DECEMBER 2015 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47