Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 67 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 63Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 64Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 65Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 66Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 67Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 68Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 69Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 70Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 185 page
background image
DS14736 Rev 1
67/185
STM32WBA6xxx
Functional overview
69
3.34
Serial audio interfaces (SAI)
The devices embed one SAI, see Table 21 for its features. The SAI bus interface handles
communications between the microcontroller and the serial audio protocol.
The SAI peripheral supports:
•
Two independent audio sub-blocks that can be transmitters or receivers with their
respective FIFOs
•
8-word integrated FIFOs for each audio sub-block
•
Synchronous or Asynchronous mode between the audio sub-blocks
•
Master or slave configuration independent for both audio sub-blocks
•
Clock generator for each audio block to target independent audio frequency sampling
when both audio sub-blocks are configured in master mode
•
Data size configurable: 8-, 10-, 16-, 20-, 24- and 32-bit
•
Peripheral with large configurability and flexibility allowing to target as example the
following audio protocol: I2S, LSB or MSB-justified, PCM/DSP, TDM, AC’97 and SPDIF
out
•
Up to 16 slots available with configurable size and with the possibility to select which
ones are active in the audio frame
•
Number of bits by frame may be configurable
•
Frame synchronization active level configurable (offset, bit length, level)
•
First active bit position in the slot is configurable
•
LSB first or MSB first for data transfer
•
Mute mode
•
Stereo/mono audio frame capability
•
Communication clock strobing edge configurable (SCK)
•
Error flags with associated interrupts if enabled respectively
–
Overrun and underrun detection
–
Anticipated frame synchronization signal detection in Slave mode
–
Late frame synchronization signal detection in Slave mode
–
Codec not ready for the AC’97 mode in reception
•
Interruption sources when enabled:
–Errors
–
FIFO requests
•
DMA interface with two dedicated channels to handle access to the dedicated
integrated FIFO of each SAI audio sub-block
Table 21. SAI implementation
Features
SAI1
I2S, LSB or MSB-justified, PCM/DSP, TDM, AC’97
X
Mute mode
X
Stereo/mono audio frame capability
X
16 slots
X
Data size configurable: 8-, 10-, 16-, 20-, 24-, and 32-bit
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com