Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 104 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 100Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 101Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 102Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 106Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 107Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
104/185
DS14736 Rev 1
5.3.3
RF characteristics
5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max (see Section 6.6).
6. Junction temperature above 105 °C must be limited to 30% of 10 years life time.
Table 31. Generic RF transmitter characteristics(1)
Symbol
Parameter
Test conditions
Standard Min
Typ
Max
Unit
Ptxmax
Maximum output power
VDDRFPA ≥ 2.50 V
-
-
9.5
-
dBm
VDDRFPA ≥ 1.71 V
-
-
7.5
-
Ptxmin
Minimum output power
--
-
-20
-
∆Ptx
Output power step
--
-
1
-
dB
Pfreqband
Output power ± variation over
the frequency band
Ptxmax max setting
-
-
0.4
-
Ptemp
Output power ± variation over
the temperature
Ptxmax max setting
-40 °C ≤ TJ ≤ +105 °C
--
2.9
-
P2ndHARM
Second harmonic
Ptxmax max setting
-
-
-69.5
-
dBm
P3rdHARM
Third harmonic
Ptxmax max setting
-
-
-70.5
-
OBSE1Mbps
Out of band spurious
emission 1 Mbps
< 1 GHz Ptxmax max setting
(2)
--51
-
≥ 1 GHz Ptxmax max setting
-
-43
-
OBSE2Mbps
Out of band spurious
emission 2 Mbps
< 1 GHz Ptxmax max setting
(2)
--54
-
≥ 1 GHz Ptxmax max setting
-
-45
-
1. Evaluated by characterization, not tested in production, unless otherwise specified. Measured in conducted mode, based
on reference design (see AN5165), using output power specific external RF filter and impedance matching networks to
interface with a 50 Ω antenna.
2. Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440
Class 2 (Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan).
Table 32. Generic RF receiver characteristics(1)
Symbol
Parameter
Test conditions
Standard
Min
Typ
Max
Unit
Rssimax
RSSI maximum value
-
-
-
-32
-
dBm
Rssimin
RSSI minimum value
-
-
-
-75
-
Rssiaccu
RSSI accuracy
-
-
-
±6
-
dB
1. Evaluated by characterization, not tested in production, unless otherwise specified. Measured in conducted mode, based
on reference design (see AN5165), using output power specific external RF filter and impedance matching networks to
interface with a 50 Ω antenna.
Table 33. RF Bluetooth Low Energy characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Fop
Frequency channel operating band
-
2402
-
2480
MHz
∆F
Delta frequency
-
-
250
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com