Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 117 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 113Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 185 page
background image
DS14736 Rev 1
117/185
STM32WBA6xxx
Electrical characteristics
169
Table 49. Flash memory static power consumption(1)
Symbol
Parameter
Conditions
Typ
Unit
25 °C 55 °C
85 °C
IDD (Flash)
Static consumption in normal mode
PD = 1 versus PD = 0
91.47 95.63
105.26
µA
IDD (Flash_LPM)
Additional static consumption in
normal versus low-power mode
LPM = 1 versus LPM = 0 51.49 52.38
53.85
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 50. Current consumption in Stop 0 mode(1)
Symbol
Parameter
Conditions
Typ
Unit
--
VDD
25 °C
55 °C
85 °C
IDD(Stop 0)
Supply current in Stop 0 mode,
no retention
LDO
Range 2
1.8 V
52.56
87.12
180.79
µA
2.4 V
52.92
87.68
180.98
3.0 V
53.55
88.61
182.45
3.3 V
54.35
90.20
185.82
3.6 V
56.52
95.08
199.54
Supply current in Stop 0 mode,
all retention (SRAM1 448K +
SRAM2 64K + PKA + OTG +
ICACHE)
1.8 V
59.73 101.71 216.76
2.4 V
60.02 102.13 216.83
3.0 V
60.66 103.01 218.25
3.3 V
61.55 104.78 222.34
3.6 V
63.88 110.24 238.32
IDD(Stop 0)
Supply current in Stop 0 mode,
SRAM2 retained
LDO
Range 2
1.8 V
53.58
89.57
187.01
µA
2.4 V
53.95
90.01
186.70
3.0 V
54.55
90.91
188.76
3.3 V
55.33
92.31
191.51
3.6 V
57.17
96.32
202.09
Supply current in Stop 0 mode,
ICACHE retained
1.8 V
52.67
87.47
181.74
2.4 V
53.06
87.95
181.50
3.0 V
53.68
88.78
183.20
3.3 V
54.36
90.19
186.04
3.6 V
56.07
93.76
195.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com