Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 128 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 124Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 125Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 126Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 127Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 128Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 129Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 130Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
128/185
DS14736 Rev 1
5.3.9
Wake-up time from low-power modes and voltage scaling
transition times
The times given in Table 56 are the latency between the event and the execution of the first
user instruction (FSTEN = 1 in PWR_CR3 if not mentioned differently).
The device goes in Low-power mode after the WFE (Wait For Event) instruction.
APB2
TIM16
1.811
1.338
0.953
0.548
µA/MHz
USART1 kernel clock domain
3.115
2.305
1.651
0.929
USART1 bus clock domain
4.639
3.420
2.526
1.390
SAI1 kernel clock domain
0.864
0.641
0.458
0.266
SAI1 bus clock domain
2.566
1.893
1.350
0.770
APB7
AHB to APB7(4)
0.704
0.493
0.371
0.197
SYSCFG
0.394
0.295
0.194
0.106
SPI3 kernel clock domain
0.553
0.404
0.285
0.161
SPI3 bus clock domain
1.799
1.334
0.948
0.531
LPUART1 kernel clock domain
2.243
1.667
1.187
0.682
LPUART1 bus clock domain
3.426
2.529
1.811
1.020
I2C3 kernel clock domain
1.777
1.331
0.939
0.533
I2C3 bus clock domain
2.482
1.856
1.314
0.749
LPTIM1 kernel clock domain
2.930
2.190
1.553
0.890
LPTIM1 bus clock domain
3.945
2.915
2.080
1.181
COMP
0.217
0.154
0.115
0.058
RTC/TAMP
1.530
1.145
0.821
0.453
VREFBUF
0.097
0.079
0.067
0.027
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. The AHB bus is automatically active when at least one peripheral is ON on the AHB or associated APB.
3. RADIO inactive.
4. The AHB to APB bridge is automatically active when at least one peripheral is ON on the APB.
Table 55. Peripheral typical dynamic current consumption(1) (continued)
Bus
Peripheral
Range 1
LDO
Range 2
LDO
Range 1
SMPS
Range 2
SMPS
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com