Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 147 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 143Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 144Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 145Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 146Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 147Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 185 page
background image
DS14736 Rev 1
147/185
STM32WBA6xxx
Electrical characteristics
169
5.3.22
12-bit Analog-to-Digital converter (ADC4) characteristics
Unless otherwise specified, the parameters given in the following tables are derived at
ambient temperature, and under the fHCLK frequency and supply voltage conditions
summarized in Table 30.
Note:
It is recommended to perform a calibration after each power-up.
Table 83. 12-bit ADC4 characteristics (1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VREF+
Positive reference voltage
-
1.0
-
VDDA
fADC
ADC clock frequency
-
0.14
-
55
MHz
DuCyADC
ADC clock duty cycle
-
45
-
55
%
fs
Sampling rate
Resolution 12 bits
0.010
-
2.75
Msps
Resolution 10 bits
0.012
-
3.05
Resolution 8 bits
0.014
-
3.43
Resolution 6 bits
0.0175
-
3.92
tTRIG
External trigger period
Resolution 12 bits
16
-
-
1/fADC
VAIN(3)
Conversion voltage range
-
0
-
VREF+
V
RAIN(4)
External input impedance
Resolution 12 bits, Tj = 130 °C
-
-
2.2
kΩ
Resolution 10 bits, Tj = 130 °C
-
-
6.8
Resolution 8 bits, Tj = 130 °C
-
-
33.0
Resolution 6 bits, Tj = 130 °C
-
-
47.0
CADC
Internal sample and hold
capacitor
--
5
-
pF
tADCVREG_STUP
ADC voltage regulator
startup time
--
-
25
µs
tSTAB
ADC power-up time
-
(3 x 1/fADC) + 1 conversion
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com