Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 179 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 175Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 176Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 177Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 178Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 179Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 180Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 181Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 182Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 185 page
background image
DS14736 Rev 1
179/185
STM32WBA6xxx
Package information
181
Table 105. UFBGA121 - Mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Min
Typ
Max
Min
Typ
Max
A(2)
2. - UFBGA stands for Ultra-Thin Profile Fine Pitch Ball Grid Array.
- Ultra Thin profile: 0.50 < A ≤ 0.65 mm / Fine pitch: e < 1.00 mm pitch.
- The total profile height (Dim A) is measured from the seating plane to the top of the component
- The maximum total package height is calculated by the following methodology:
A Max = A1 Typ + A2 Typ + A4 Typ + √ (A1² + A2² + A4² tolerance values)
-
-
0.60
-
-
0.0236
A1
-
-
0.11
-
-
0.0043
A2
-
0.13
-
-
0.0051
-
A4
-
0.32
-
-
0.0126
-
b(3)
3. The typical balls diameter before mounting is 0.20 mm
0.24
0.29
0.34
0.0094
0.0114
0.0134
D
5.85
6.00
6.15
0.2303
0.2362
0.2421
D1
-
5.00
-
-
0.1969
-
E
5.85
6.00
6.15
0.2303
0.2362
0.2421
E1
-
5.00
-
-
0.1969
-
e
-
0.50
-
-
0.0197
-
F
-
0.50
-
-
0.0197
-
ddd
-
-
0.08
-
-
0.0031
eee(4)
4. The tolerance of position that controls the location of the pattern of balls with respect to datum A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true
position with respect to datum A and B as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone.
-
-
0.15
-
-
0.0059
fff(5)
5. The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datumC of each ball must lie within this tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each
ball must lie simultaneously in both tolerance zones.
-
-
0.05
-
-
0.0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com