| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA62CGF6TR Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA62CGF6TR Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 185 page ![]() STM32WBA6xxx 2/185 DS14736 Rev 1 Power management • Embedded regulator LDO and SMPS step- down converter, supporting switch on-the-fly and voltage scaling Clock management • 32 MHz crystal oscillator • 32 kHz crystal oscillator (LSE) • Internal low power 32 kHz (±5%) RC • Internal low frequency 32 kHz RC (500 ppm/°C) • Internal 16 MHz factory trimmed RC (±1%) • PLL for system clock, audio, and ADC General-purpose input/output • Up to 86 I/Os (most of them 5 V-tolerant) with interrupt capability, and up to 14 I/Os with independent supply down to 1.08 V Analog peripherals (independent supply) • 12-bit ADC 2.5 Msps, up to 16-bit with hardware oversampling • Two ultra-low-power comparators Communication peripherals • One USB OTG high-speed with embedded PHY • One SAI (serial audio interface) • Four UARTs (ISO 7816, IrDA, modem) • Three SPIs • Four I2Cs FM+ (1 Mbit/s), SMBus/PMBus® System peripherals • Touch sensing controller, up to 24 sensors, supporting touch key, linear, and rotary touch sensors • One 16-bit, advanced motor control timer • Three 16-bit timers and two 32-bit timers • Two low power 16-bit timers (available in Stop mode) • Two Systick timers • RTC with hardware calendar and calibration • Two watchdogs • 8-channel DMA controller, functional in Stop mode Security and cryptography • Arm® TrustZone® and securable I/Os, memories, and peripherals • Flexible life cycle scheme with read-out protection (RDP) and password protected debug • Root of trust thanks to unique boot entry and secure hide protection area (HDP) • Secure firmware installation (SFI), thanks to embedded root secure services (RSS) • Secure data storage with hardware unique key (HUK) • Secure firmware upgrade support with TF-M • Two AES coprocessors, including one with DPA resistance • Public key accelerator, DPA resistant • HASH hardware accelerator • True random number generator, NIST SP800-90B compliant • 96-bit unique ID • Active tampers • CRC calculation unit Development support • Serial wire debug (SWD), JTAG • Embedded trace (ETM) ECOPACK2 compliant packages Table 1. Device summary Reference Part numbers STM32WBA62xx STM32WBA62CG, STM32WBA62CI, STM32WBA62MG, STM32WBA62MI, STM32WBA62PG, STM32WBA62PI STM32WBA63xx STM32WBA63CG, STM32WBA63CI STM32WBA64xx STM32WBA64CG, STM32WBA64CI STM32WBA65xx STM32WBA65CG, STM32WBA65CI, STM32WBA65MG, STM32WBA65MI, STM32WBA65PG, STM32WBA65PI, STM32WBA65RG, STM32WBA65RI |