Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CGF6TR Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza STM32WBA63CGF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CGF6TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32WBA63CGF6TR Datasheet HTML 28Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 29Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 30Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 31Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 32Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 33Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 34Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 35Page - STMicroelectronics STM32WBA63CGF6TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 185 page
background image
Functional overview
STM32WBA6xxx
32/185
DS14736 Rev 1
Figure 5. Power-up /down sequence
1. VDDX refers to power supplies VDDA,VDDIO2, and VDDUSB.
3.12.2
Power supply supervisor
The devices have an integrated ultra-low-power BOR (brownout reset) active in all modes.
The BOR ensures proper operation after power on and during power down. The devices
remain in reset mode when the monitored supply voltage VDD is below a specified
threshold, without the need for an external reset circuit.
The lowest BOR level is 1.71 V at power on, and other higher thresholds can be selected
through option bytes. The devices feature an embedded PVD (programmable voltage
detector) that monitors the VDD power supply and compares it to the VPVD threshold.
An interrupt can be generated when VDD drops below and/or rises above the VPVD
threshold. The interrupt service routine can then generate a warning message and/or put
the MCU into a safe state. The PVD is enabled by software.
The devices support dynamic voltage scaling to optimize power consumption in Run mode.
The voltage from the main regulator that supplies the logic (VCORE) can be adjusted
according to the system’s maximum operating frequency.
The main regulator operates in the following ranges:
•
Range 1 (VCORE = 1.2 V) with CPU and peripherals running at up to 100 MHz
•
Range 2 (VCORE = 0.9 V) with CPU and peripherals running at up to 16 MHz
Low-power modes
The devices support different low-power modes to achieve the best compromise between
low-power consumption, startup time, available peripherals, and available wake-up sources.
MSv47490V1
0.3
1
VBOR0
3.6
Operating mode
Power-on
Power-down
time
V
VDDX
(1)
VDD
Invalid supply area
VDDX < VDD + 300 mV
VDDX independent from VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com