Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KTC2000LP5C1 Datasheet(PDF) 2 Page - Schneider Electric

No. de pieza KTC2000LP5C1
Descripción Electrónicos  Canalis KT Standard flat elbows
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KTC2000LP5C1 Datasheet(HTML) 2 Page - Schneider Electric

  KTC2000LP5C1 Datasheet HTML 1Page - Schneider Electric KTC2000LP5C1 Datasheet HTML 2Page - Schneider Electric KTC2000LP5C1 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
표준
IEC 61439-1
IEC 61439-6
제원 타입
Fix
너비
140 mm
높이
164 mm
길이
1 300 mm
2 300 mm
색상
백색 RAL 9001)
linear load
49 kg/m
사용환경
IP
등급
IP55 conforming to IEC 60529
보호의 IK 정도
IK08 conforming to IEC 62262
derating factor
0…35 °C (100 % of In)
35…40 °C (95 % of In)
40…45 °C (90 % of In)
45…50 °C (84 % of In)
50…55 °C (79 % of In)
포장 단위
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
16.4 cm
Package 1 Width
105.0 cm
Package 1 Length
196.0 cm
Package 1 Weight
110.6 kg
계약 보증
보증
18 개월
2
2025. 11. 4.



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com