Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SAMPLEBOX12 Datasheet(PDF) 11 Page - Ferroxcube International Holding B.V.

No. de pieza SAMPLEBOX12
Descripción Electrónicos  Multilayer suppressors EMI-suppression products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FERROXCUBE [Ferroxcube International Holding B.V.]
Página de inicio  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

SAMPLEBOX12 Datasheet(HTML) 11 Page - Ferroxcube International Holding B.V.

Back Button SAMPLEBOX12 Datasheet HTML 5Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 6Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 7Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 8Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 9Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 10Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 11Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 12Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 13Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2004 Sep 01
11
Ferroxcube
EMI-suppression products
BLISTER TAPE AND REEL DIMENSIONS
Table 2
Dimensions of blister tape for relevant product size code; see Fig.4
MATERIAL BLISTER TAPE:
• Sizes 0402 and 0603: paper
• Other sizes: Polystyrene
MATERIAL COVER FILM:
• Polyethylene
DIMENSION
PRODUCT SIZE CODE
0402
0603
0805
1206
1210
1806
1812
A
0.65
0.975
1.54
1.94
2.80
1.94
3.64
B
1.15
1.8
2.32
3.54
3.42
4.94
4.94
T
0.7
1.05
1.15
1.29
1.64
1.90
1.80
W
8.0
8.0
8.0
8.0
8.0
12
12
P
2.0
4.0
4.0
4.0
4.0
4.0
8.0
F
3.5
3.5
3.5
3.5
3.5
5.5
5.5
K
-
-
0.2
0.2
0.2
0.3
0.3
Tape fig.
221
11
11
Fig.1
Fig.2
4±0.1
2 ± 0.05
1.75 ± 0.1
K ± 0.05
T ± 0.05
T ± 0.05
P±0.1
A±0.1
W
±0.2
F
±0.05
B ± 0.1
Carrier tape: Polystyrene
Cover tape: Polyethylene
160 min.
330 min.
Blank part
Chip mounting
part
Leader
Blank
Cover tape
MFW061
Fig.4 Blister tape.
For dimensions see Table 2.
Multilayer Suppressors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13