Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CMS9926A Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

No. de pieza CMS9926A
Descripción Electrónicos  Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Página de inicio  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

CMS9926A Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  CMS9926A Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co CMS9926A Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co CMS9926A Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co CMS9926A Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SMD Type
MOSFET
9926A
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
VGS =0V, ID = 250
A
20
V
VDS =
16V , VGS = 0V
1
Gate-Body Leakage
IGSS
VDS = 0V , VGS =
10V
100
nA
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID = 250uA
0.
5
1.0
V
VGS = 4.5V , ID = 6A
0.02
5 0.030
VGS = 2.5V , ID = 5
.2A
0.0
40 0.045
On-State Drain Current *
ID(on)
VDS
5V , VGS =4.5V
20
A
Forward Transconductance *
gfs
VDS = 15V , ID =6A
22
S
Total Gate Charge
Qg
13
20
Gate-Source Charge
Qgs
3
Gate-Drain Charge
Qgd
3.3
Turn-On Delay Time
td(on)
235
Rise Time
tr
40
60
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
20
30
Maximum Continuous Drain-Source Diode
Forward Current
IS
1A
Diode Forward Voltage *
VSD
IS =1.7A, VGS =0V
0.7
1.2
V
* Pulse test; pulse width
300
s, duty cycle
2%.
VDD = 15V
ID =1A , VGS =4.5V , RG =6
,RL =
15
VDS = 15V , VGS =4.5V , ID =6A
ns
nC
Zero Gate Voltage Drain Current
IDSS
uA
Drain-Source On-State Resistance *
rDS(on)
Shenzhen Tuofeng Semiconductor Technology Co., Ltd



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com