Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320VC33 Datasheet(PDF) 51 Page - Texas Instruments

No. de pieza TMS320VC33
Descripción Electrónicos  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 47Page - Texas Instruments TMS320VC33 Datasheet HTML 48Page - Texas Instruments TMS320VC33 Datasheet HTML 49Page - Texas Instruments TMS320VC33 Datasheet HTML 50Page - Texas Instruments TMS320VC33 Datasheet HTML 51Page - Texas Instruments TMS320VC33 Datasheet HTML 52Page - Texas Instruments TMS320VC33 Datasheet HTML 53Page - Texas Instruments TMS320VC33 Datasheet HTML 54Page - Texas Instruments TMS320VC33 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
51
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
timer pin timing
Valid logic-level periods and polarity are specified by the contents of the internal control registers. The following
tables define the timing parameters for the timer pin.
timing requirements for timer pin (see Figure 37 and Figure 38)
VC33-120
VC33-150
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(TCLK-H1L)†
Setup time, TCLK external before H1 low
4
3
ns
th(H1L-TCLK)†
Hold time, TCLK external after H1 low
0
0
ns
† These requirements are applicable for a synchronous input clock.
switching characteristics over recommended operating conditions for timer pin (see Figure 37 and
Figure 38)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
td(H1H-TCLK)
Delay time, H1 high to TCLK internal
valid
4
3
ns
t
‡
Cycle time TCLK
TCLK ext
tc(H) *2.6
tc(H) *2.6
ns
tc(TCLK)‡
Cycle time, TCLK
TCLK int
tc(H) *2
tc(H) *232
tc(H) *2
tc(H) *232
ns
t
‡
Pulse duration TCLK
TCLK ext
tc(H) +6
tc(H) +5
ns
tw(TCLK)‡
Pulse duration, TCLK
TCLK int
[tc(TCLK)/2] -- 4
[tc(TCLK)/2] + 4
[tc(TCLK)/2] -- 4
[tc(TCLK)/2] + 4
ns
‡ These parameters are applicable for an asynchronous input clock.
TCLK as input
H1
H3
tsu(TCLK-H1L)
th(H1L-TCLK)
th(H1L-TCLK)
tsu(TCLK-H1L)
tw(TCLK)
tc(TCLK)
Figure 37. Timer Pin Timing, Input
TCLK as output
H1
H3
td(H1H-TCLK)
td(H1H-TCLK)
Figure 38. Timer Pin Timing, Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com