| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PN8016SSC-R1B Datasheet(PDF) 10 Page - Wuxi Chipown Micro-electronics limited |
|
|
|||||||||||||||||||||||||||||
PN8016SSC-R1B Datasheet(HTML) 10 Page - Wuxi Chipown Micro-electronics limited |
|
10 / 11 page ![]() PN8016 Chipown www.chipown.com © 2018 Wuxi Chipown Microelectronics Limited Rev.1809 Sept.-2018 10 / 11 Tape and Reel Information SOP-7 Package A (mm) T (mm) T1 (mm) H (mm) ØC (mm) ØD (mm) d (mm) A0 (mm) B0 (mm) K0 (mm) 330±1.0 3 +1/-0 12.4 +1/-0 100±0.5 12.00 +0.5/-0.2 17.70 ±0.40 2.00 +0.5/-0.2 6.60 ±0.1 5.2±0.1 1.9±0.1 W (mm) F (mm) E1 (mm) P0 (mm) P1 (mm) P2 (mm) ØD0 (mm) ØD1 (mm) Pin 1 Quadrant 12.00 ±0.1 5.50±0.1 1.75 ±0.10 4.00 ±0.10 8.0 ±0.1 2.0 ±0.1 1.5 +0.1/-0 1.55 ±0.05 UL Notes: 1. This drawing is subjected to change without notice. 2. All dimensions are nominal and in mm. 3. This drawing is not in scale and for reference only. Customer can contact Chipown sales representative for further details. 4. The number of flange openings depends on the reel size and assembly site. This drawing shows an example only. |