Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STTH8003CY Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STTH8003CY
Descripción Electrónicos  HIGH FREQUENCY SECONDARY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8003CY Datasheet(HTML) 2 Page - STMicroelectronics

  STTH8003CY Datasheet HTML 1Page - STMicroelectronics STTH8003CY Datasheet HTML 2Page - STMicroelectronics STTH8003CY Datasheet HTML 3Page - STMicroelectronics STTH8003CY Datasheet HTML 4Page - STMicroelectronics STTH8003CY Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STTH8003CY
2/5
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
VR = 300 V
Tj = 25°C
80
µA
Tj = 125°C
80
800
VF **
Forward voltage drop
IF = 40A
Tj=25
°C
1.25
V
Tj = 125°C
0.85
1
Pulse test : * tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.75xIF(AV) + 0.0062 IF(RMS)
2
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case thermal resistance
Per diode
Total
0.8
0.5
°C/W
Rth (c)
Coupling
0.2
°C/W
THERMAL RESISTANCES
Symbol
Tests Conditions
Min.
Typ.
Max.
Unit
trr
IF = 0.5 A
Irr = 0.25 A
IR = 1 A
Tj = 25°C
50
ns
IF =1A
dIF/dt=-50A/
µsVR =30V
60
IRM
Vcc = 200 V IF =40A dIF/dt = -200 A/
µs
Tj = 125°C
13
A
Sfactor
0.3
-
tfr
IF =40A dIF/dt = 200 A/
µs,
VFR = 1.1xVF max
Tj = 25°C
450
ns
VFP
5V
DYNAMIC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com