| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C64-RMB6TGP Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-RMB6TGP Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 39 page ![]() M24128, M24C64, M24C32 Signal description 11/39 Table 3. Device select code Device type identifier(1) 1. The most significant bit, b7, is sent first. Chip Enable address(2) 2. E0, E1 and E2 are compared against the respective external pins on the memory device. RW b7 b6 b5 b4 b3 b2 b1 b0 Device select code 1010 E2 E1 E0 RW Table 4. Address most significant byte b15 b14 b13 b12 b11 b10 b9 b8 Table 5. Address least significant byte b7 b6 b5 b4 b3 b2 b1 b0 |