Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046BVF Datasheet(PDF) 30 Page - Texas Instruments

No. de pieza TUSB2046BVF
Descripción Electrónicos  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046BVF Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB2046BVF Datasheet HTML 25Page - Texas Instruments TUSB2046BVF Datasheet HTML 26Page - Texas Instruments TUSB2046BVF Datasheet HTML 27Page - Texas Instruments TUSB2046BVF Datasheet HTML 28Page - Texas Instruments TUSB2046BVF Datasheet HTML 29Page - Texas Instruments TUSB2046BVF Datasheet HTML 30Page - Texas Instruments TUSB2046BVF Datasheet HTML 31Page - Texas Instruments TUSB2046BVF Datasheet HTML 32Page - Texas Instruments TUSB2046BVF Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.45
0.25
28X 0.8
PIN 1 ID
(0.13)
TYP
0.15
0.05
0 -7
4X 5.6
9.2
8.8
TYP
0.75
0.45
B
7.2
6.8
NOTE 3
A
7.2
6.8
NOTE 3
0.25
GAGE PLANE
1.6 MAX
(1.4)
PLASTIC QUAD FLATPACK
LQFP - 1.6 mm max height
VF0032A
PLASTIC QUAD FLATPACK
4219769/A 04/2019
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs.
4. Reference JEDEC registration MS-026.
PowerPAD is a trademark of Texas Instruments.
1
8
9
16
17
24
25
32
0.2
C A B
SEE DETAIL A
SEATING PLANE
A 15
DETAIL A
TYPICAL
0.1 C
SCALE 1.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com