Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046IBVF Datasheet(PDF) 29 Page - Texas Instruments

No. de pieza TUSB2046IBVF
Descripción Electrónicos  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046IBVF Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB2046IBVF Datasheet HTML 25Page - Texas Instruments TUSB2046IBVF Datasheet HTML 26Page - Texas Instruments TUSB2046IBVF Datasheet HTML 27Page - Texas Instruments TUSB2046IBVF Datasheet HTML 28Page - Texas Instruments TUSB2046IBVF Datasheet HTML 29Page - Texas Instruments TUSB2046IBVF Datasheet HTML 30Page - Texas Instruments TUSB2046IBVF Datasheet HTML 31Page - Texas Instruments TUSB2046IBVF Datasheet HTML 32Page - Texas Instruments TUSB2046IBVF Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
32X (0.6)
32X (0.25)
28X (0.5)
(4.8)
(4.8)
4X (
1.49)
(0.845)
(0.845)
(R0.05) TYP
VQFN - 1 mm max height
RHB0032E
PLASTIC QUAD FLATPACK - NO LEAD
4223442/B 08/2019
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
33
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 33:
75% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
8
9
16
17
24
25
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com