Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209A301MR Datasheet(PDF) 1 Page - Torex Semiconductor

No. de pieza XC6209A301MR
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209A301MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6209A301MR Datasheet HTML 1Page - Torex Semiconductor XC6209A301MR Datasheet HTML 2Page - Torex Semiconductor XC6209A301MR Datasheet HTML 3Page - Torex Semiconductor XC6209A301MR Datasheet HTML 4Page - Torex Semiconductor XC6209A301MR Datasheet HTML 5Page - Torex Semiconductor XC6209A301MR Datasheet HTML 6Page - Torex Semiconductor XC6209A301MR Datasheet HTML 7Page - Torex Semiconductor XC6209A301MR Datasheet HTML 8Page - Torex Semiconductor XC6209A301MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl
XC6209 Series
GENERAL DESCRIPTION
The XC6209 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The
series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter
and a phase compensation circuit plus a driver transistor.
Output voltage is selectable in 0.05V increments within a range of 0.9V ~ 6.0V.
The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be
maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback
circuit also operates as a short protect for the output current limiter and the output pin.
The CE function enables the output to be turned off, resulting in greatly reduced power consumption.
APPLICATIONS
Smart phones / Mobile phones
Portable game consoles
Digital still cameras / Camcorders
Digital audio equipments
Reference voltage sources
Multi-function power supplies
TYPICAL APPLICATION CIRCUIT
FEATURES
Maximum Output Current
Dropout Voltage
Maximum Operating Voltage
Output Voltage Range
Highly Accurate
Low Power Consumption
Standby Current
High Ripple Rejection
Operating Ambient Temperature
Low ESR Capacitor
Compatible
Packages
Environmentally Friendly
TYPICAL PERFORMANCE
CHARACTERISTICS
: 150mA
(300mA=XC6209 E to H types)
: 60mV @ 30mA
: 200mV @ 100mA
: 2.0V ~ 10V
: 0.9V ~ 6.0V(0.05V increments)
: ±2% (VOUT>1.5V)
±
30mV (VOUT≦1.5V)
: 25μA (TYP.)
: Less than 0.1μA (TYP.)
: 70dB (10kHz)
: -40℃~ +85℃
: Ceramic capacitor
: SOT-25
USP-6B
SOT-89-5
: EU RoHS Compliant, Pb Free
ETR0306_009


Número de pieza similar - XC6209A301MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XC6209A302DL TOREX-XC6209A302DL Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A302DR TOREX-XC6209A302DR Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A302ML TOREX-XC6209A302ML Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A302MR TOREX-XC6209A302MR Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A302PL TOREX-XC6209A302PL Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results

Descripción similar - XC6209A301MR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6206_002 TOREX-XC6206_002 Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
Low ESR Cap.Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com